Electronic Components Datasheet Search
  English  ▼

X  

PM7346 Datasheet(PDF) 48 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 48 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 44Page - PMC-Sierra, Inc PM7346 Datasheet HTML 45Page - PMC-Sierra, Inc PM7346 Datasheet HTML 46Page - PMC-Sierra, Inc PM7346 Datasheet HTML 47Page - PMC-Sierra, Inc PM7346 Datasheet HTML 48Page - PMC-Sierra, Inc PM7346 Datasheet HTML 49Page - PMC-Sierra, Inc PM7346 Datasheet HTML 50Page - PMC-Sierra, Inc PM7346 Datasheet HTML 51Page - PMC-Sierra, Inc PM7346 Datasheet HTML 52Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 27
Pin Name
Type
Pin No.
Function
TOH[4]
TOH[3]
TOH[2]
TOH[1]
Input
H3
K3
N1
P3
Transmit DS3/E3/J2 Overhead Data
(TOH[4:1]). When configured for DS3
operation, TOH[4:1] contains the overhead
bits (C, F, X, P, and M) that may be
inserted in the transmit DS3 stream.
When configured for G.832 E3 operation,
TOH[4:1] contains the overhead bytes
(FA1, FA2, EM mask, TR, MA, NR, and
GC) that may be inserted in the transmit
G.832 E3 stream.
When configured for G.751 E3 operation,
TOH[4:1] contains the overhead bits (RAI,
National Use, Stuff Indication, and Stuff
Opportunity) that may be inserted in the
transmit G.751 E3 stream.
When configured for J2 operation,
TOH[4:1] contains the overhead bits
(TS97, TS98, Framing, X1-3, A, M, E1-5)
that may be inserted in the transmit J2
stream.
If TOHINS[4:1] is a logic 1, the TOH[4:1]
input has precedence over the internal
datalink transmitter, or any other internal
register bit setting. TOH[4:1] is sampled
on the rising edge of TOHCLK[4:1].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com