Electronic Components Datasheet Search
  English  ▼

X  

PM7346 Datasheet(PDF) 86 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 86 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 82Page - PMC-Sierra, Inc PM7346 Datasheet HTML 83Page - PMC-Sierra, Inc PM7346 Datasheet HTML 84Page - PMC-Sierra, Inc PM7346 Datasheet HTML 85Page - PMC-Sierra, Inc PM7346 Datasheet HTML 86Page - PMC-Sierra, Inc PM7346 Datasheet HTML 87Page - PMC-Sierra, Inc PM7346 Datasheet HTML 88Page - PMC-Sierra, Inc PM7346 Datasheet HTML 89Page - PMC-Sierra, Inc PM7346 Datasheet HTML 90Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 65
will never declare Loss of Frame or search for a new frame alignment due to
excess framing bit errors.
J2 extended Loss of Frame detection is provided as recommended by ITU-T
G.783 with programmable integration periods of 1ms, 2ms, or 3ms. While
integrating up to assert LOF, the counter will integrate up when the framer
asserts an Out of Frame condition and integrates down when the framer de-
asserts the Out of Frame condition. Once an LOF is asserted, the framer must
not assert OOF for the entire integration period before LOF is de-asserted.
9.4
PMON Performance Monitor Accumulator
The Performance Monitor (PMON) Block interfaces directly with either the DS3
Framer (T3-FRMR) to accumulate line code violation (LCV) events, parity error
(PERR) events, path parity error (CPERR) events, far end block error (FEBE)
events, excess zeros (EXZS), and framing bit error (FERR) events using
saturating counters; the E3 Framer (E3-FRMR) to accumulate LCV, PERR (in
G.832 mode), FEBE and FERR events; or the J2 Framer (J2-FRMR) to
accumulate LCVs, CRC errors (in the PERR counter), Framing bit errors (FERR),
and excess zeros (EXZS). The PMON stops accumulating error signal from the
E3, DS3, or J2 Framers once frame synchronization is lost.
When an accumulation interval is signaled by a write to the PMON register
address space or a write to the S/UNI-QJET Identification, Master Reset, and
Global Monitor Update register, the PMON transfers the current counter values
into microprocessor accessible holding registers and resets the counters to begin
accumulating error events for the next interval. The counters are reset in such a
manner that error events occurring during the reset period are not missed.
When counter data is transferred into the holding registers, an interrupt is
generated, providing the interrupt is enabled. If the holding registers have not
been read since the last interrupt, an overrun status bit is set. In addition, a
register is provided to indicate changes in the PMON counters since the last
accumulation interval.
9.5
RBOC Bit-Oriented Code Detector
The Bit-Oriented Code Detector is only used in DS3 C-bit Parity or J2 mode.
The Bit-Oriented Code Detector (RBOC) Block detects the presence of 63 of the
64 possible bit-oriented codes (BOCs) contained in the DS3 C-bit parity far-end
alarm and control (FEAC) channel or in the J2 datalink signal stream. The 64th
code ("111111") is similar to the HDLC flag sequence and is ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com