Electronic Components Datasheet Search
  English  ▼

X  

PM7346 Datasheet(PDF) 51 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 51 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 47Page - PMC-Sierra, Inc PM7346 Datasheet HTML 48Page - PMC-Sierra, Inc PM7346 Datasheet HTML 49Page - PMC-Sierra, Inc PM7346 Datasheet HTML 50Page - PMC-Sierra, Inc PM7346 Datasheet HTML 51Page - PMC-Sierra, Inc PM7346 Datasheet HTML 52Page - PMC-Sierra, Inc PM7346 Datasheet HTML 53Page - PMC-Sierra, Inc PM7346 Datasheet HTML 54Page - PMC-Sierra, Inc PM7346 Datasheet HTML 55Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 30
Pin Name
Type
Pin No.
Function
TPOH[4]
TPOH[3]
TPOH[2]
TPOH[1]
Input
Y15
W12
W8
Y5
Transmit PLCP Overhead Data
(TPOH[4:1]). TPOH[4:1] is valid when the
FRMRONLY bit in the S/UNI-QJET
Configuration 1 registers is logic 0.
TPOH[4:1] contains the PLCP path
overhead octets (Zn, F1, B1, G1, M1, M2,
and C1) which may be inserted in the
transmit PLCP frame. The octet data on
TPOH[4:1] is shifted in order from the
most significant bit (bit 1) to the least
significant bit (bit 8). TPOH[4:1] is
sampled on the rising edge of
TPOHCLK[4:1].
TDATI[4]
TDATI[3]
TDATI[2]
TDATI[1]
Framer Transmit Data (TDATI[4:1]).
TDATI[4:1] contains the serial data to be
transmitted when the S/UNI-QJET is
configured as a DS3, E3, or J2 framer
device for non-ATM applications by setting
the FRMRONLY bit in the S/UNI-QJET
Configuration 1 Register. TDATI[4:1] is
sampled on the rising edge of TICLK[4:1] if
the TXGAPEN register bit in the
S/UNI-QJET Configuration 2 register is
logic 0. If TXGAPEN is logic 1, then
TDATI[4:1] is sampled on the falling edge
of TGAPCLK[4:1].
TPOHFP[4]
TPOHFP[3]
TPOHFP[2]
TPOHFP[1]
Output
W14
Y10
Y7
V5
Transmit Path Overhead Frame Position
(TPOHFP[4:1]). TPOHFP[4:1] is valid
when the FRMRONLY bit in the
S/UNI-QJET Configuration 1 Registers is
logic 0. The TPOHFP[4:1] output locates
the individual PLCP path overhead bits in
the transmit overhead data stream,
TPOH[4:1]. TPOHFP[4:1] is logic 1 while
bit 1 (the most significant bit) of the path
user channel octet (F1) is present in the
TPOH[4:1] stream. TPOHFP[4:1] is
updated on the falling edge of
TPOHCLK[4:1].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com