Electronic Components Datasheet Search
  English  ▼

X  

PM7346 Datasheet(PDF) 53 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 53 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 49Page - PMC-Sierra, Inc PM7346 Datasheet HTML 50Page - PMC-Sierra, Inc PM7346 Datasheet HTML 51Page - PMC-Sierra, Inc PM7346 Datasheet HTML 52Page - PMC-Sierra, Inc PM7346 Datasheet HTML 53Page - PMC-Sierra, Inc PM7346 Datasheet HTML 54Page - PMC-Sierra, Inc PM7346 Datasheet HTML 55Page - PMC-Sierra, Inc PM7346 Datasheet HTML 56Page - PMC-Sierra, Inc PM7346 Datasheet HTML 57Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 32
Pin Name
Type
Pin No.
Function
TGAPCLK[4]
TGAPCLK[3]
TGAPCLK[2]
TGAPCLK[1]
Output
W14
Y10
Y7
V5
Framer Gapped Transmit Clock
(TGAPCLK[4:1]). TGAPCLK[4:1] is valid
when the S/UNI-QJET is configured as a
DS3, E3, or J2 framer for non-ATM
applications by setting the FRMRONLY bit
in the S/UNI-QJET Configuration 1
Registers and the TXGAPEN bit in the
S/UNI-QJET Configuration 2 Registers.
TGAPCLK[4:1] is derived from the transmit
reference clock TICLK[4:1] or from the
receive clock if loop-timed. The overhead
bit (gapped) positions are generated
internal to the device. TGAPCLK[4:1] is
held high during the overhead bit
positions. This clock is useful for
interfacing to devices which source
payload data only. TGAPCLK[4:1] is used
to sample TDATI[4:1].
TCELL[4]
TCELL[3]
TCELL[2]
TCELL[1]
Transmit Cell Indication (TCELL[4:1]).
TCELL[x] is valid when the TCELL bit in
the S/UNI-QJET Misc. register (09BH,
19BH, 29BH, 39BH) is set. TCELL[x]
pulses once for every cell (idle or
assigned) transmitted. TCELL[x] is
updated using timing derived from the
transmit input clock (TICLK[x]), and is
active for a minimum of 8 TICLK[x] periods
(or 8 RCLK[x] periods if loop-timed).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com