Electronic Components Datasheet Search
  English  ▼

X  

PM7346 Datasheet(PDF) 42 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 42 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 38Page - PMC-Sierra, Inc PM7346 Datasheet HTML 39Page - PMC-Sierra, Inc PM7346 Datasheet HTML 40Page - PMC-Sierra, Inc PM7346 Datasheet HTML 41Page - PMC-Sierra, Inc PM7346 Datasheet HTML 42Page - PMC-Sierra, Inc PM7346 Datasheet HTML 43Page - PMC-Sierra, Inc PM7346 Datasheet HTML 44Page - PMC-Sierra, Inc PM7346 Datasheet HTML 45Page - PMC-Sierra, Inc PM7346 Datasheet HTML 46Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 21
8
PIN DESCRIPTION
Pin Name
Type
Pin No.
Function
TPOS[4]
TPOS[3]
TPOS[2]
TPOS[1]
Output
C6
B4
D3
F2
Transmit Digital Positive Pulse
(TPOS[4:1]). TPOS[4:1] contains the
positive pulses transmitted on the B3ZS-
encoded DS3, HDB3-encoded E3, or
B8ZS-encoded J2 transmission system
when the dual-rail output format is
selected.
TDATO[4]
TDATO[3]
TDATO[2]
TDATO[1]
Transmit Data (TDATO[4:1]). TDATO[4:1]
contains the transmit data stream when
the single-rail (unipolar) output format is
enabled or when a non-DS3/E3/J2 based
transmission system is selected.
The TPOS/TDATO[4:1] pin function
selection is controlled by the TFRM[1:0]
and the TUNI bits in the S/UNI-QJET
Transmit Configuration Registers. Output
signal polarity control is provided by the
TPOSINV bit in the S/UNI-QJET Transmit
Configuration Registers. Both TPOS[4:1]
and TDATO[4:1] are updated on the falling
edge of TCLK[4:1] by default, and may be
configured to be updated on the rising
edge of TCLK[4:1] through the TCLKINV
bit in the S/UNI-QJET Transmit
Configuration Registers. Finally, both
TPOS[4:1] and TDATO[4:1] can be
updated on the rising edge of TICLK[4:1],
enabled by the TICLK bit in the
S/UNI-QJET Transmit Configuration
Registers.
TNEG[4]
TNEG[3]
TNEG[2]
TNEG[1]
Output
A5
D5
E4
F1
Transmit Digital Negative Pulse
(TNEG[4:1]). TNEG[4:1] contains the
negative pulses transmitted on the B3ZS-
encoded DS3, HDB3-encoded E3, or
B8ZS-encoded J2 transmission system
when the dual-rail NRZ output format is
selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com