Electronic Components Datasheet Search
  English  ▼

X  

PM7346 Datasheet(PDF) 31 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 31 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 27Page - PMC-Sierra, Inc PM7346 Datasheet HTML 28Page - PMC-Sierra, Inc PM7346 Datasheet HTML 29Page - PMC-Sierra, Inc PM7346 Datasheet HTML 30Page - PMC-Sierra, Inc PM7346 Datasheet HTML 31Page - PMC-Sierra, Inc PM7346 Datasheet HTML 32Page - PMC-Sierra, Inc PM7346 Datasheet HTML 33Page - PMC-Sierra, Inc PM7346 Datasheet HTML 34Page - PMC-Sierra, Inc PM7346 Datasheet HTML 35Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 10
S/UNI-QJET can be configured as a quad J2/E3/T3 framer for use in router,
frame relay switch and multiplexer applications (as shown in Figure 2). In an
unchannelized J2/E3/T3 line card, S/UNI-QJET interfaces directly to one or more
PM7366 FREEDM-8 HDLC controllers. Each FREEDM-8 can process two high-
speed links, such as T3 and E3, or it can process up to eight lower speed links
such as J2. The S/UNI-QJET can gap all the overhead bits such that only the
payload data is passed to and from FREEDM-8. On the line side, S/UNI-QJET is
connected to one or more J2/E3/T3 line interface units. On the system side,
S/UNI-QJET interfaces with a data link device over a serial bit interface.
In a PPP-Over-SONET application, the S/UNI-QJET interfaces to PM5342
SPECTRA-155 to map three T3 data streams onto three corresponding STS-1
services that are collectively carried over an OC-3 link.
Figure 2
- S/UNI-QJET, as a Quad Framer Device, in Frame Relay
Equipment
O p tic s
PM 5 3 4 2
SP EC T R A-1 5 5
P acket Ov er S O N E T C a rd
(3 D S -3 s O v er O C -3 )
IP S w itc h /R o u te r C o re
P acket
Me m o ry
Sw itc h
Fa bric
Un c h a n n e lize d
J2/E 3 /T 3 C a rd
J2/E3 /T 3
LIU
J2/E3 /T 3
LIU
J2/E3 /T 3
LIU
J2/E3 /T 3
LIU
P M 7 345
S /UNI-P DH
8 P o rt C h an ne lize d T 1 C a rd
P M 7 366
FR EED M -8
P M 7 366
FR EED M -8
P M 4 388
TO C T L
P M 4 314
QD S X
P M 4 314
QD S X
P M 4 314
QD S X
P M 4 314
QD S X
P M 7 345
S /UNI-P DH
4 P o rt C h an n e lize d E1 C a rd
P M 4 388
TO C T L
P M 4 314
QD S X
P M 4 314
QD S X
P ro c esso r
28 P o rt U n ch an ne lize d T 1 C a rd (M1 3 )
P M 7 345
S /UNI-P DH
P M 7 364
FR EED M -3 2
P M 6 344
EQ U A D
P M 7 366
FR EED M -8
P M 4 388
TO C T L
P M 7 366
FR EED M -8
P M 7 366
FR EED M -8
DS -3
LIU
P M 8 313
D3 M X
P M 8 313
D3 M X
P M 4 388
TO C T L
P M 4 388
TO C T L
P M 4 388
TO C T L
P M 4 388
TO C T L
P M 4 388
TO C T L
P M 4 388
TO C T L
P M 4 388
TO C T L
UP L IN K SID E
A CCES S SIDE
P M 7 366
FR EED M -8
P M 7 366
FR EED M -8
P M 5 355
S /UNI-6 2 2
P M 7 346
S /UNI-Q J E T
P M 7 346
S /UNI-Q J E T
P M 7 366
FR EED M -8
P M 7 366
FR EED M -8
P M 7 346
S /UNI-Q J E T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com