Electronic Components Datasheet Search
  English  ▼

X  

PM7346 Datasheet(PDF) 44 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 44 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 40Page - PMC-Sierra, Inc PM7346 Datasheet HTML 41Page - PMC-Sierra, Inc PM7346 Datasheet HTML 42Page - PMC-Sierra, Inc PM7346 Datasheet HTML 43Page - PMC-Sierra, Inc PM7346 Datasheet HTML 44Page - PMC-Sierra, Inc PM7346 Datasheet HTML 45Page - PMC-Sierra, Inc PM7346 Datasheet HTML 46Page - PMC-Sierra, Inc PM7346 Datasheet HTML 47Page - PMC-Sierra, Inc PM7346 Datasheet HTML 48Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 23
Pin Name
Type
Pin No.
Function
TCLK[4]
TCLK[3]
TCLK[2]
TCLK[1]
Output
B5
C4
D2
G3
Transmit Output Clock (TCLK[4:1]).
TCLK[4:1] provides the transmit direction
timing. TCLK[4:1] is a buffered version of
TICLK[4:1] and can be enabled to update
the TPOS/TDATO[4:1] and
TNEG/TOHM[4:1] outputs on its rising or
falling edge.
RPOS[4]
RPOS[3]
RPOS[2]
RPOS[1]
Input
D6
D1
E2
H4
Receive Digital Positive Pulse
(RPOS[4:1]). RPOS[4:1] contains the
positive pulses received on the B3ZS-
encoded DS3, the HDB3-encoded E3, or
the B8ZS-encoded J2 transmission
system when the dual-rail NRZ input
format is selected.
RDATI[4]
RDATI[3]
RDATI[2]
RDATI[1]
Receive Data (RDATI[4:1]). RDATI[4:1]
contains the data stream when the single-
rail (unipolar) NRZ input format is enabled
or when a non-DS3/E3/J2 based
transmission system is being processed
(for example RDATI may contain a DS1 or
E1 stream).
The RPOS/RDATI[4:1] pin function
selection is controlled by the RFRM[1:0]
bits in the S/UNI-QJET Configuration
Registers and by the UNI bits in the DS3
FRMR, the E3 FRMR, or the J2 FRMR
Configuration Registers. Both RPOS[4:1]
and RDATI[4:1] are sampled on the rising
edge of RCLK[4:1] by default, and may be
enabled to be sampled on the falling edge
of RCLK[4:1]. This sampling is controlled
by the RCLKINV bit in the S/UNI-QJET
Receive Configuration Registers. In
addition, signal polarity control is provided
by the RPOSINV bit in the S/UNI-QJET
Receive Configuration Registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com