Electronic Components Datasheet Search
  English  ▼

X  

PM7346 Datasheet(PDF) 23 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 23 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 19Page - PMC-Sierra, Inc PM7346 Datasheet HTML 20Page - PMC-Sierra, Inc PM7346 Datasheet HTML 21Page - PMC-Sierra, Inc PM7346 Datasheet HTML 22Page - PMC-Sierra, Inc PM7346 Datasheet HTML 23Page - PMC-Sierra, Inc PM7346 Datasheet HTML 24Page - PMC-Sierra, Inc PM7346 Datasheet HTML 25Page - PMC-Sierra, Inc PM7346 Datasheet HTML 26Page - PMC-Sierra, Inc PM7346 Datasheet HTML 27Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 2
• Implements the ATM physical layer for Broadband ISDN according to ITU-T
Recommendation I.432.
• Provides on-chip DS3, E3 (G.751 and G.832), and J2 framers.
• Can be configured to be used solely as a DS3, E3, or J2 Framer.
• When configured to operate as a DS3, E3, or J2 Framer, gapped transmit and
receive clocks can be optionally generated for interface to devices which only
need access to payload data bits.
• Provides support for an arbitrary rate external transmission system interface
up to a maximum rate of 52 Mbit/s which enables the S/UNI-QJET to be used
as a quad ATM cell delineator.
• Uses the PMC-Sierra PM4341 T1XC, PM4344 TQUAD, PM6341 E1XC, and
PM6344 EQUAD T1 and E1 framer/line interface chips for DS1 and E1
applications.
• Provides programmable pseudo-random test pattern generation, detection,
and analysis features.
• Provides integral transmit and receive HDLC controllers with 128-byte FIFO
depths.
• Provides performance monitoring counters suitable for accumulation periods
of up to 1 second.
• Provides an 8-bit microprocessor interface for configuration, control and
status monitoring.
• Provides a standard 5 signal P1149.1 JTAG test port for boundary scan board
test purposes.
• Low power 3.3V CMOS technology with 5V tolerant inputs.
• Available in a high density 256-pin SBGA package (27mm x 27mm).
The receiver section:
• Provides frame synchronization for the M23 or C-bit parity DS3 applications,
alarm detection, and accumulates line code violations, framing errors, parity
errors, path parity errors and FEBE events. In addition, far end alarm channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com