Electronic Components Datasheet Search
  English  ▼

X  

PM7346 Datasheet(PDF) 103 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 103 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 99Page - PMC-Sierra, Inc PM7346 Datasheet HTML 100Page - PMC-Sierra, Inc PM7346 Datasheet HTML 101Page - PMC-Sierra, Inc PM7346 Datasheet HTML 102Page - PMC-Sierra, Inc PM7346 Datasheet HTML 103Page - PMC-Sierra, Inc PM7346 Datasheet HTML 104Page - PMC-Sierra, Inc PM7346 Datasheet HTML 105Page - PMC-Sierra, Inc PM7346 Datasheet HTML 106Page - PMC-Sierra, Inc PM7346 Datasheet HTML 107Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 82
Address
Register
006H
S/UNI-QJET Identification, Master
Reset, and Global Monitor Update
106H
206H
306H
S/UNI-QJET Reserved
007H
107H
207H
307H
S/UNI-QJET Clock Activity Monitor and
Interrupt Identification
008H
108H
208H
308H
SPLR Configuration
009H
109H
209H
309H
SPLR Interrupt Enable
00AH
10AH
20AH
30AH
SPLR Interrupt Status
00BH
10BH
20BH
30BH
SPLR Status
00CH
10CH
20CH
30CH
SPLT Configuration
00DH
10DH
20DH
30DH
SPLT Control
00EH
10EH
20EH
30EH
SPLT Diagnostics and G1 Octet
00FH
10FH
20FH
30FH
SPLT F1 Octet
010H
110H
210H
310H
PMON Change of PMON Performance
Meters
011H
111H
211H
311H
PMON Interrupt Enable/Status
012H-
013H
112H-
113H
212H-
213H
312H-
313H
PMON Reserved
014H
114H
214H
314H
PMON Line Code Violation Event Count
LSB
015H
115H
215H
315H
PMON Line Code Violation Event Count
MSB
016H
116H
216H
316H
PMON Framing Bit Error Event Count
LSB
017H
117H
217H
317H
PMON Framing Bit Error Event Count
MSB
018H
118H
218H
318H
PMON Excessive Zeros Count LSB
019H
119H
219H
319H
PMON Excessive Zeros Count MSB
01AH
11AH
21AH
31AH
PMON Parity Error Event Count LSB
01BH
11BH
21BH
31BH
PMON Parity Error Event Count MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com