Electronic Components Datasheet Search
  English  ▼

X  

PM7346 Datasheet(PDF) 106 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 106 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 102Page - PMC-Sierra, Inc PM7346 Datasheet HTML 103Page - PMC-Sierra, Inc PM7346 Datasheet HTML 104Page - PMC-Sierra, Inc PM7346 Datasheet HTML 105Page - PMC-Sierra, Inc PM7346 Datasheet HTML 106Page - PMC-Sierra, Inc PM7346 Datasheet HTML 107Page - PMC-Sierra, Inc PM7346 Datasheet HTML 108Page - PMC-Sierra, Inc PM7346 Datasheet HTML 109Page - PMC-Sierra, Inc PM7346 Datasheet HTML 110Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 85
Address
Register
053H
153H
253H
353H
RDLC Data
054H
154H
254H
354H
RDLC Primary Address Match
055H
155H
255H
355H
RDLC Secondary Address Match
056H
156H
256H
356H
RDLC Reserved
057H
157H
257H
357H
RDLC Reserved
058H
158H
258H
358H
TDPR Configuration
059H
159H
259H
359H
TDPR Upper Transmit Threshold
05AH
15AH
25AH
35AH
TDPR Lower Interrupt Threshold
05BH
15BH
25BH
35BH
TDPR Interrupt Enable
05CH
15CH
25CH
35CH
TDPR Interrupt Status/UDR Clear
05DH
15DH
25DH
35DH
TDPR Transmit Data
05EH-
05FH
15EH-
15FH
25EH-
25FH
35EH-
35FH
TDPR Reserved
060H
160H
260H
360H
RXCP-50 Configuration 1
061H
161H
261H
361H
RXCP-50 Configuration 2
062H
162H
262H
362H
RXCP-50 FIFO/UTOPIA Control &
Config
063H
163H
263H
363H
RXCP-50 Interrupt Enables and Counter
Status
064H
164H
264H
364H
RXCP-50 Status/Interrupt Status
065H
165H
265H
365H
RXCP-50 LCD Count Threshold (MSB)
066H
166H
266H
366H
RXCP-50 LCD Count Threshold (LSB)
067H
167H
267H
367H
RXCP-50 Idle Cell Header Pattern
068H
168H
268H
368H
RXCP-50 Idle Cell Header Mask
069H
169H
269H
369H
RXCP-50 Corrected HCS Error Count
06AH
16AH
26AH
36AH
RXCP-50 Uncorrected HCS Error Count
06BH
16BH
26BH
36BH
RXCP-50 Received Cell Count LSB
06CH
16CH
26CH
36CH
RXCP-50 Received Cell Count
06DH
16DH
26DH
36DH
RXCP-50 Received Cell Count MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com