Electronic Components Datasheet Search
  English  ▼

X  

PM7346 Datasheet(PDF) 110 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 110 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 106Page - PMC-Sierra, Inc PM7346 Datasheet HTML 107Page - PMC-Sierra, Inc PM7346 Datasheet HTML 108Page - PMC-Sierra, Inc PM7346 Datasheet HTML 109Page - PMC-Sierra, Inc PM7346 Datasheet HTML 110Page - PMC-Sierra, Inc PM7346 Datasheet HTML 111Page - PMC-Sierra, Inc PM7346 Datasheet HTML 112Page - PMC-Sierra, Inc PM7346 Datasheet HTML 113Page - PMC-Sierra, Inc PM7346 Datasheet HTML 114Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 89
Register 000H, 100H, 200H, 300H: S/UNI-QJET Configuration 1
Bit
Type
Function
Default
Bit 7
R/W
8KREFO
1
Bit 6
R/W
DS27_53
1
Bit 5
R/W
TOCTA
0
Bit 4
R/W
FRMRONLY
0
Bit 3
R/W
LOOPT
0
Bit 2
R/W
LLOOP
0
Bit 1
R/W
DLOOP
0
Bit 0
R/W
PLOOP
0
PLOOP:
The PLOOP bit controls the DS3, E3, or J2 payload loopback. When a logic 0
is written to PLOOP, DS3, E3, or J2 payload loopback is disabled. When a
logic 1 is written to PLOOP, the DS3, E3, or J2 overhead bits are regenerated
and inserted into the received DS3, E3, or J2 stream and the resulting stream
is transmitted. Setting the PLOOP bit disables the effect of the TICLK bit in
the S/UNI-QJET Transmit Configuration register, thereby forcing flow-through
timing. The TFRM[1:0] and RFRM[1:0] bits in the S/UNI-QJET Transmit
Configuration and Receive Configuration registers, respectively, must be set
to the same value for PLOOP to work properly.
DLOOP:
The DLOOP bit controls the diagnostic loopback. When a logic 0 is written to
DLOOP, diagnostic loopback is disabled. When a logic 1 is written to DLOOP,
the transmit data stream is looped in the receive direction. The TFRM[1:0]
and RFRM[1:0] bits in the S/UNI-QJET Transmit Configuration and Receive
Configuration registers, respectively, must be set to the same value for
DLOOP to work properly. The DLOOP should not be set to a logic 1 when
either the PLOOP, LLOOP, or LOOPT bit is a logic 1. When in DS3, E3, or J2
modes, the TUNI register bit in the S/UNI-QJET Transmit Configuration
register should be set to the same value as the UNI bit in the DS3, E3, or J2
FRMR registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com