Electronic Components Datasheet Search
  English  ▼

X  

PM7346 Datasheet(PDF) 113 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 113 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 109Page - PMC-Sierra, Inc PM7346 Datasheet HTML 110Page - PMC-Sierra, Inc PM7346 Datasheet HTML 111Page - PMC-Sierra, Inc PM7346 Datasheet HTML 112Page - PMC-Sierra, Inc PM7346 Datasheet HTML 113Page - PMC-Sierra, Inc PM7346 Datasheet HTML 114Page - PMC-Sierra, Inc PM7346 Datasheet HTML 115Page - PMC-Sierra, Inc PM7346 Datasheet HTML 116Page - PMC-Sierra, Inc PM7346 Datasheet HTML 117Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 92
Register 001H, 101H, 201H, 301H: S/UNI-QJET Configuration 2
Bit
Type
Function
Default
Bit 7
R/W
STATSEL[2]
0
Bit 6
R/W
STATSEL[1]
0
Bit 5
R/W
STATSEL[0]
0
Bit 4
R/W
TXMFPI
0
Bit 3
R/W
TXGAPEN
0
Bit 2
R/W
RXGAPEN
0
Bit 1
R/W
TXMFPO
0
Bit 0
R/W
RXMFPO
0
RXMFPO:
The RXMFPO bit controls which of the outputs RMFPO[4:1] or RFPO[4:1] is
valid. If RXMFPO is a logic 1, then RMFPO[4:1] will be available. If RXMFPO
is a logic 0, then RFPO[4:1] will be available. This bit has effect only if the
FRMRONLY bit in the S/UNI-QJET Configuration 1 register is a logic 1.
TXMFPO:
The TXMFPO bit controls which of the outputs TMFPO[4:1] or TFPO[4:1] is
valid. If TXMFPO is a logic 1, then TMFPO[4:1] will be available. If TXMFPO
is a logic 0, then TFPO[4:1] will be available. This bit has effect only if the
FRMRONLY bit in the S/UNI-QJET Configuration 1 register is a logic 1. The
TXGAPEN bit takes precedence over the TXMFPO bit.
RXGAPEN:
The RXGAPEN bit configures the S/UNI-QJET to enable the RGAPCLK[x]
outputs. When RXGAPEN is a logic 1, then the RGAPCLK[x] output is
enabled. When RXGAPEN is a logic 0, then the RSCLK[x] output is enabled.
The FRMRONLY register bit must be a logic 1 for RXGAPEN to have effect.
TXGAPEN:
The TXGAPEN bit configures the S/UNI-QJET to enable the TGAPCLK[x]
outputs. When TXGAPEN is a logic 1, the TGAPCLK[x] output is enabled.
When TXGAPEN is a logic 0, then either the TFPO[x] or TMFPO[x] output is
enabled, depending on the setting of the TXMFPO register bit. The
FRMRONLY register bit must be a logic 1 for TXGAPEN to have effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com