Electronic Components Datasheet Search
  English  ▼

X  

PM7346 Datasheet(PDF) 115 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 115 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 111Page - PMC-Sierra, Inc PM7346 Datasheet HTML 112Page - PMC-Sierra, Inc PM7346 Datasheet HTML 113Page - PMC-Sierra, Inc PM7346 Datasheet HTML 114Page - PMC-Sierra, Inc PM7346 Datasheet HTML 115Page - PMC-Sierra, Inc PM7346 Datasheet HTML 116Page - PMC-Sierra, Inc PM7346 Datasheet HTML 117Page - PMC-Sierra, Inc PM7346 Datasheet HTML 118Page - PMC-Sierra, Inc PM7346 Datasheet HTML 119Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 94
Register 002H, 102H, 202H, 302H: S/UNI-QJET Transmit Configuration
Bit
Type
Function
Default
Bit 7
R/W
TFRM[1]
0
Bit 6
R/W
TFRM[0]
0
Bit 5
R/W
TXREF
0
Bit 4
R/W
TICLK
0
Bit 3
R/W
TUNI
0
Bit 2
R/W
TCLKINV
0
Bit 1
R/W
TPOSINV
0
Bit 0
R/W
TNEGINV
0
TNEGINV:
The TNEGINV bit provides polarity control for outputs TNEG/TOHM. When a
logic 0 is written to TNEGINV, the TNEG/TOHM output is not inverted. When
a logic 1 is written to TNEGINV, the TNEG/TOHM output is inverted. The
TNEGINV bit setting does not affect the loopback data in diagnostic loopback.
TPOSINV:
The TPOSINV bit provides polarity control for outputs TPOS/TDATO. When a
logic 0 is written to TPOSINV , the TPOS/TDATO output is not inverted. When
a logic 1 is written to TPOSINV , the TPOS/TDATO output is inverted. The
TPOSINV bit setting does not affect the loopback data in diagnostic loopback.
TCLKINV:
The TCLKINV bit provides polarity control for output TCLK. When a logic 0 is
written to TCLKINV, TCLK is not inverted and outputs TPOS/TDATO and
TNEG/TOHM are updated on the falling edge of TCLK. When a logic 1 is
written to TCLKINV, TCLK is inverted and outputs TPOS/TDATO and
TNEG/TOHM are updated on the rising edge of TCLK.
TUNI:
The TUNI bit enables the S/UNI-QJET to transmit unipolar or bipolar DS3, E3,
or J2 data streams. When a logic 1 is written to TUNI, the S/UNI-QJET
transmits unipolar DS3, E3, or J2 data on TDATO. When TUNI is logic 1, the
TOHM output indicates the start of the DS3 M-Frame (the X1 bit), the start of
the E3 frame (bit 1 of the frame), or the first framing bit of the J2 multiframe.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com