Electronic Components Datasheet Search
  English  ▼

X  

PM7346 Datasheet(PDF) 112 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 112 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 108Page - PMC-Sierra, Inc PM7346 Datasheet HTML 109Page - PMC-Sierra, Inc PM7346 Datasheet HTML 110Page - PMC-Sierra, Inc PM7346 Datasheet HTML 111Page - PMC-Sierra, Inc PM7346 Datasheet HTML 112Page - PMC-Sierra, Inc PM7346 Datasheet HTML 113Page - PMC-Sierra, Inc PM7346 Datasheet HTML 114Page - PMC-Sierra, Inc PM7346 Datasheet HTML 115Page - PMC-Sierra, Inc PM7346 Datasheet HTML 116Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 91
are set to 00. Byte alignment is chosen if these FORM[1:0] bits are set to any
other value. The number of TICLK periods between transmission format
overhead bit positions must be divisible by 4 (for nibble alignment) or 8 (for
byte alignment). When TOCTA is set to logic 0, no octet alignment is
performed , and there is no restriction on the number of TICLK periods
between transmission format overhead bit positions.
DS27_53:
The DS27_53 bit is used to select between the long data structure (27 words
in 16-bit mode and 53 bytes in 8-bit mode) and the short data structure (26
words in 16-bit mode and 52 bytes in 8-bit mode) on the ATM interface. When
DS27_53 is set to logic one, the RXCP-50 and TXCP-50 blocks are
configured to operate with the long data structure; when DS27_53 is set to
logic zero, the RXCP-50 and TXCP-50 are configured to operate with the
short data structure.
8KREFO:
The 8KREFO bit is used, in conjunction with the PLCPEN bit in the SPLR
Configuration Register to select the function of the
REF8KO/RPOHFP/RFPO/RMFPO[x] output pin. When PLCPEN is logic 1,
the RPOHFP function will be selected and 8KREFO has no effect (note that
RPOHFP is inherently an 8kHz reference). If PLCPEN is logic 0, then if
8KREFO is logic 1, then an 8kHz reference will be derived from the RCLK[x]
signal and output on REF8KO. If 8KREFO and PLCPEN are both logic 0,
then the RXMFPO register bit in the S/UNI-QJET Configuration 2 register will
select either the RFPO or RMFPO function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com