Electronic Components Datasheet Search
  English  ▼

X  

PM7346 Datasheet(PDF) 116 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 116 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 112Page - PMC-Sierra, Inc PM7346 Datasheet HTML 113Page - PMC-Sierra, Inc PM7346 Datasheet HTML 114Page - PMC-Sierra, Inc PM7346 Datasheet HTML 115Page - PMC-Sierra, Inc PM7346 Datasheet HTML 116Page - PMC-Sierra, Inc PM7346 Datasheet HTML 117Page - PMC-Sierra, Inc PM7346 Datasheet HTML 118Page - PMC-Sierra, Inc PM7346 Datasheet HTML 119Page - PMC-Sierra, Inc PM7346 Datasheet HTML 120Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 95
When a logic 0 is written to TUNI, the S/UNI-QJET transmits B3ZS-encoded
DS3 data, HDB3-encoded E3 data, or B8ZS-encoded J2 data on TPOS and
TNEG. The TUNI bit has no effect if TFRM[1:0] is set to 11 binary as the
output data is automatically configured for unipolar format.
TICLK:
The TICLK bit selects the transmit clock used to update the TPOS/TDATO
and TNEG/TOHM outputs. When a logic 0 is written to TICLK, the buffered
version of the input transmit clock, TCLK, is used to update TPOS/TDATO and
TNEG/TOHM on the edge selected by the TCLKINV bit. When a logic 1 is
written to TICLK, TPOS/TDATO and TNEG/TOHM are updated on the rising
edge of TICLK, eliminating the flow-through TCLK signal. The TICLK bit has
no effect if the LOOPT, LLOOP, or PLOOP bit is a logic 1.
TXREF:
The TXREF register bit determines if TICLK[1] and TIOHM/TFPI/TMFPI[1]
should be used as the reference transmit clock and overhead/frame pulse,
respectively, instead of TICLK[X] and TIOHM/TFPI/TMFPI[X]. If TXREF is set
to a logic 1, then TICLK[1] and TIOHM/TFPI/TMFPI[1] will be used as the
reference transmit clock and overhead/frame pulse, respectively. If TXREF is
set to a logic 0, then TICLK[X] and TIOHM/TFPI/TMFPI[X] will be used as the
reference transmit clock and overhead/frame pulse, respectively, for quadrant
X. If loop-timing is enabled (LOOPT = 1), the TXREF bit has no effect on the
corresponding quadrant. Note that when TXREF is set to logic 1, the unused
TICLK[x] and TIOHM/TFPI/TMFPI[x] should be tied to power or ground, not
left floating.
TFRM[1:0]:
The TFRM[1:0] bits determine the frame structure of the transmitted signal
according to the following table:
Table 4
- TFRM[1:0] Transmit Frame Structure Configurations
TFRM[1:0]
Transmit Frame Structure
00
DS3 (C-bit parity or M23 depending on the setting of the CBIT
bit in the DS3 TRAN Configuration register)
01
E3 (G.751 or G.832 depending on the setting of the
FORMAT[1:0] bits in the E3 TRAN Framing Options register)
10
J2 (G.704 and NTT compliant framing format)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com