Electronic Components Datasheet Search
  English  ▼

X  

PM7346 Datasheet(PDF) 119 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 119 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 115Page - PMC-Sierra, Inc PM7346 Datasheet HTML 116Page - PMC-Sierra, Inc PM7346 Datasheet HTML 117Page - PMC-Sierra, Inc PM7346 Datasheet HTML 118Page - PMC-Sierra, Inc PM7346 Datasheet HTML 119Page - PMC-Sierra, Inc PM7346 Datasheet HTML 120Page - PMC-Sierra, Inc PM7346 Datasheet HTML 121Page - PMC-Sierra, Inc PM7346 Datasheet HTML 122Page - PMC-Sierra, Inc PM7346 Datasheet HTML 123Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 98
edge of RSCLK. When RSCLKR is a logic 0, the RDATO, RFPO/RMFPO,
and ROVRHD outputs are updated on the falling edge of RSCLK. If the
RXGAPEN bit is a logic 1, then RSCLKR affects RGAPCLK in the same
manner as it affects RSCLK.
LOFINT[1:0]
The LOFINT[1:0] bits determine the integration period used for asserting and
de-asserting E3 and DS3 Loss of Frame or J2 extended Loss of Frame on
the FRMLOF register bit of the S/UNI-QJET FRMR LOF Status register
(x9CH) and on the FRMSTAT[4:1] output pins (if this function is enabled by
the STATSEL[2:0] register bits of the S/UNI-QJET Configuration 2 Register).
The integration times are selected as follows:
Table 5
- LOF[1:0] Integration Period Configuration
LOFINT[1:0]
Integration Period
00
3ms
01
2ms
10
1ms
11
Reserved
RFRM[1:0]:
The RFRM[1:0] bits determine the expected frame structure of the received
signal according to the following table:
Table 6
- RFRM[1:0] Receive Frame Structure Configurations
RFRM[1:0]
Expected Receive Frame Structure
00
DS3 (C-bit parity or M23 depending on the setting of the CBE bit
in the DS3 FRMR Configuration register)
01
E3 (G.751 or G.832 depending on the setting of the
FORMAT[1:0] bits in the E3 FRMR Framing Options register)
10
J2 (G.704 and NTT compliant framing format)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com