Electronic Components Datasheet Search
  English  ▼

X  

PM7346 Datasheet(PDF) 121 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 121 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 117Page - PMC-Sierra, Inc PM7346 Datasheet HTML 118Page - PMC-Sierra, Inc PM7346 Datasheet HTML 119Page - PMC-Sierra, Inc PM7346 Datasheet HTML 120Page - PMC-Sierra, Inc PM7346 Datasheet HTML 121Page - PMC-Sierra, Inc PM7346 Datasheet HTML 122Page - PMC-Sierra, Inc PM7346 Datasheet HTML 123Page - PMC-Sierra, Inc PM7346 Datasheet HTML 124Page - PMC-Sierra, Inc PM7346 Datasheet HTML 125Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 100
Register 004H, 104H, 204H, 304H: S/UNI-QJET Data Link and FERF/RAI
Control
Bit
Type
Function
Default
Bit 7
R/W
LCDEN
1
Bit 6
R/W
AISEN
1
Bit 5
R/W
RBLEN
1
Bit 4
R/W
OOFEN
1
Bit 3
R/W
LOSEN
1
Bit 2
R/W
TNETOP
0
Bit 1
R/W
RNETOP
0
Bit 0
R/W
DLINV
0
DLINV:
The DLINV bit provides polarity control for the DS3 C-bit Parity path
maintenance data link which is located in the 3 C-bits of M-subframe 5.
When a logic 1 is written to DLINV, the path maintenance data link is inverted
before being processed. The rationale behind this bit is as follows: currently
ANSI standard T1.107 specifies that the C-bits (which carry the path
maintenance data link) be set to all zeros while the AIS maintenance signal is
transmitted. The data link is obviously inactive during AIS transmission, and
ideally the HDLC idle sequence (all ones) should be transmitted. By inverting
the data link, the all zeros C-bit pattern becomes an idle sequence and the
data link is terminated gracefully. Although this inversion is currently not
specified in ANSI T1.107a, this bit is provided to safe-guard the S/UNI-QJET
in case the inversion is required in the future.
RNETOP:
The RNETOP bit enables the Network Operator Byte (NR) extracted from the
G.832 E3 stream to be terminated by the internal HDLC receiver, RDLC.
When RNETOP is logic 1, the NR byte is extracted from the G.832 stream
and terminated by RDLC. When RNETOP is logic 0, the GC byte is extracted
from the G.832 stream and terminated by RDLC. Both the NR byte and the
GC byte are extracted and output on the ROH pin for external processing.
TNETOP:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com