Electronic Components Datasheet Search
  English  ▼

X  

PM7346 Datasheet(PDF) 124 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 124 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 120Page - PMC-Sierra, Inc PM7346 Datasheet HTML 121Page - PMC-Sierra, Inc PM7346 Datasheet HTML 122Page - PMC-Sierra, Inc PM7346 Datasheet HTML 123Page - PMC-Sierra, Inc PM7346 Datasheet HTML 124Page - PMC-Sierra, Inc PM7346 Datasheet HTML 125Page - PMC-Sierra, Inc PM7346 Datasheet HTML 126Page - PMC-Sierra, Inc PM7346 Datasheet HTML 127Page - PMC-Sierra, Inc PM7346 Datasheet HTML 128Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 103
LCDEN:
The LCDEN bit enables the receive out of cell delineation indication to
automatically generate a FERF indication (RAI in G.751 or J2 mode) in the
transmit stream. This bit operates regardless of framer selected (DS3, E3, or
J2) but only in ATM mode. When LCDEN is logic 1, assertion of the LCD
indication by the receive FIFO causes a FERF/RAI to be transmitted by the
transmitter for the duration of the LCD assertion. When LCDEN is logic 0,
assertion of the LCD indication does not cause transmission of a FERF/RAI.
Note that for the RAI to be automatically transmitted when in J2 format, the
FEAC[5:0] bits in the XBOC Code register must all be set to logic 1. If the
XBOC FEAC code is to be transmitted in J2 mode, LOSEN, OOFEN, AISEN,
and LCDEN should all be set to logic 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com