Electronic Components Datasheet Search
  English  ▼

X  

PM7346 Datasheet(PDF) 128 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 128 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 124Page - PMC-Sierra, Inc PM7346 Datasheet HTML 125Page - PMC-Sierra, Inc PM7346 Datasheet HTML 126Page - PMC-Sierra, Inc PM7346 Datasheet HTML 127Page - PMC-Sierra, Inc PM7346 Datasheet HTML 128Page - PMC-Sierra, Inc PM7346 Datasheet HTML 129Page - PMC-Sierra, Inc PM7346 Datasheet HTML 130Page - PMC-Sierra, Inc PM7346 Datasheet HTML 131Page - PMC-Sierra, Inc PM7346 Datasheet HTML 132Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 107
Register 007H, 107H, 207H, 307H: S/UNI-QJET Clock Activity Monitor and
Interrupt Identification
Bit
Type
Function
Default
Bit 7
R
INT[4]
X
Bit 6
R
INT[3]
X
Bit 5
R
INT[2]
X
Bit 4
R
INT[1]
X
Bit 3
R
RCLKA
X
Bit 2
R
TICLKA
X
Bit 1
R
TFCLKA
X
Bit 0
R
RFCLKA
X
RFCLKA:
The RFCLKA bit monitors for low to high transitions on the RFCLK input.
RFCLKA is set high on a rising edge of RFCLK, and is set low when this
register is read.
TFCLKA:
The TFCLKA bit monitors for low to high transitions on the TFCLK input.
TFCLKA is set high on a rising edge of TFCLK, and is set low when this
register is read.
TICLKA:
The TICLKA bit monitors for low to high transitions on the TICLK[x] input.
TICLKA is set high on a rising edge of TICLK[x], and is set low when this
register is read.
RCLKA:
The RCLKA bit monitors for low to high transitions on the RCLK[x] input.
RCLKA is set high on a rising edge of RCLK[x], and is set low when this
register is read.
INT[4:1]:
The INT[4:1] bits identify which of the four quadrants of the S/UNI-QJET have
generated the current interrupt. When the INT[x] bit is set to logic 1, then the
Xth quadrant has generated the interrupt. The particular block(s) within that



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com