Electronic Components Datasheet Search
  English  ▼

X  

PM7346 Datasheet(PDF) 131 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 131 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 127Page - PMC-Sierra, Inc PM7346 Datasheet HTML 128Page - PMC-Sierra, Inc PM7346 Datasheet HTML 129Page - PMC-Sierra, Inc PM7346 Datasheet HTML 130Page - PMC-Sierra, Inc PM7346 Datasheet HTML 131Page - PMC-Sierra, Inc PM7346 Datasheet HTML 132Page - PMC-Sierra, Inc PM7346 Datasheet HTML 133Page - PMC-Sierra, Inc PM7346 Datasheet HTML 134Page - PMC-Sierra, Inc PM7346 Datasheet HTML 135Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 110
for frame alignment is initiated. Note that only a logic 0 to logic 1 transition of
the REFRAME bit triggers reframing; multiple write operations are required to
ensure such a transition.
FORM[1:0]:
The FORM[1:0] bits select the PLCP frame format as shown below. These
bits must be set to “11” if E1 direct mapped mode is being used (PLCPEN=0
and EXT=1).
Table 7
- SPLR FORM[1:0] Configurations
FORM[1]
FORM[0]
PLCP Framing Format
00
DS3
0
1
E3 G.751
10
DS1
11
E1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com