Electronic Components Datasheet Search
  English  ▼

X  

PM7346 Datasheet(PDF) 134 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 134 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 130Page - PMC-Sierra, Inc PM7346 Datasheet HTML 131Page - PMC-Sierra, Inc PM7346 Datasheet HTML 132Page - PMC-Sierra, Inc PM7346 Datasheet HTML 133Page - PMC-Sierra, Inc PM7346 Datasheet HTML 134Page - PMC-Sierra, Inc PM7346 Datasheet HTML 135Page - PMC-Sierra, Inc PM7346 Datasheet HTML 136Page - PMC-Sierra, Inc PM7346 Datasheet HTML 137Page - PMC-Sierra, Inc PM7346 Datasheet HTML 138Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 113
Register 00AH, 10AH, 20AH, 30AH: SPLR Interrupt Status
Bit
Type
Function
Default
Bit 7
Unused
X
Bit 6
R
FEBEI
X
Bit 5
R
COLSSI
X
Bit 4
R
BIPEI
X
Bit 3
R
FEI
X
Bit 2
R
YELI
X
Bit 1
R
LOFI
X
Bit 0
R
OOFI
X
OOFI:
The OOFI bit is set to logic 1 when a PLCP out of frame defect is detected or
removed. The OOF defect state is contained in the SPLR Status Register.
The OOFI bit position is set to logic 0 when this register is read.
LOFI:
The LOFI bit is set to logic 1 when a PLCP loss of frame defect is detected or
removed. The LOF defect state is contained in the SPLR Status Register.
The LOFI bit position is set to logic 0 when this register is read.
YELI:
The YELI bit is set to logic 1 when a PLCP yellow alarm defect is detected or
removed. The yellow alarm defect state is contained in the SPLR Status
Register. The YELI bit position is set to logic 0 when this register is read.
FEI:
The FEI bit is set to logic 1 when a PLCP framing octet error is detected. A
framing octet error is generated when one or more errors are detected in the
framing alignment octets (A1, and A2), or the path overhead identification
octets. The FEI bit position is set to logic 0 when this register is read.
BIPEI:
The BIPEI bit is set to logic 1 when a PLCP bit interleaved parity (BIP) error is
detected. BIP errors are detected using the B1 byte in the PLCP path
overhead. The BIPEI bit position is set to logic 0 when this register is read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com