Electronic Components Datasheet Search
  English  ▼

X  

PM7346 Datasheet(PDF) 136 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 136 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 132Page - PMC-Sierra, Inc PM7346 Datasheet HTML 133Page - PMC-Sierra, Inc PM7346 Datasheet HTML 134Page - PMC-Sierra, Inc PM7346 Datasheet HTML 135Page - PMC-Sierra, Inc PM7346 Datasheet HTML 136Page - PMC-Sierra, Inc PM7346 Datasheet HTML 137Page - PMC-Sierra, Inc PM7346 Datasheet HTML 138Page - PMC-Sierra, Inc PM7346 Datasheet HTML 139Page - PMC-Sierra, Inc PM7346 Datasheet HTML 140Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 115
Register 00BH, 10BH, 20BH, 30BH: SPLR Status
Bit
Type
Function
Default
Bit 7
Unused
X
Bit 6
R
LSS[2]
X
Bit 5
R
LSS[1]
X
Bit 4
R
LSS[0]
X
Bit 3
Unused
X
Bit 2
R
YELV
X
Bit 1
R
LOFV
X
Bit 0
R
OOFV
X
OOFV:
The OOFV bit indicates the current PLCP out of frame defect state. When an
error is detected in both the A1 and A2 octets or when an error is detected in
two consecutive path overhead identifier octets, OOFV is set to logic 1. When
the S/UNI-QJET has found two valid, consecutive sets of A1 and A2 octets
with two valid and sequential path overhead identifier octets, the OOFV bit is
set to logic 0.
LOFV:
The LOFV bit indicates the current PLCP loss of frame defect state. The loss
of frame defect state is an integrated version of the out of frame defect state.
The declaration/removal times for the loss of frame defect state depends on
the selected PLCP format, and are summarized in the table below:
Table 8
- PLCP LOF Declaration/Removal Times
PLCP Format
Declaration (ms)
Removal (ms)
DS3
1
12
E3 G.751
1.12
10
DS1
25
250
E1
20
200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com