Electronic Components Datasheet Search
  English  ▼

X  

PM7346 Datasheet(PDF) 138 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 138 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 134Page - PMC-Sierra, Inc PM7346 Datasheet HTML 135Page - PMC-Sierra, Inc PM7346 Datasheet HTML 136Page - PMC-Sierra, Inc PM7346 Datasheet HTML 137Page - PMC-Sierra, Inc PM7346 Datasheet HTML 138Page - PMC-Sierra, Inc PM7346 Datasheet HTML 139Page - PMC-Sierra, Inc PM7346 Datasheet HTML 140Page - PMC-Sierra, Inc PM7346 Datasheet HTML 141Page - PMC-Sierra, Inc PM7346 Datasheet HTML 142Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 117
Register 00CH, 10CH, 20CH, 30CH: SPLT Configuration
Bit
Type
Function
Default
Bit 7
R/W
FORM[1]
0
Bit 6
R/W
FORM[0]
0
Bit 5
R/W
M1TYPE
0
Bit 4
R/W
M2TYPE
0
Bit 3
R/W
FIXSTUFF
0
Bit 2
R/W
PLCPEN
0
Bit 1
Unused
X
Bit 0
R/W
EXT
0
EXT:
The EXT bit disables the internal transmission system sublayer timeslot
counter from identifying DS1, DS3, E1, J2, E3 G.751, or E3 G.832 overhead
bits. The EXT bit allows transmission formats that are unsupported by the
internal timeslot counter and must be supported using the TIOHM[x] input.
When a logic 0 is written to EXT, input transmission system overhead (for
DS1, DS3, E1, J2, E3 G.751, and E3 G.832 formats) is indicated using the
internal timeslot counter. This counter flywheels to create the appropriate
transmission system alignment. This alignment is indicated on the TOHM[x]
output. When a logic 1 is written to EXT, indications on TIOHM[x] identify
each transmission system overhead bit. These indications flow through the
S/UNI-QJET and appear on the TOHM[x] output where they mark the
transmission system overhead placeholder positions in the TDATO[x] stream.
EXT should only be set to logic 1 if the TFRM[1:0] bits in the S/UNI-QJET
Transmit Configuration register are both set to logic 1 and the arbitrary
framing format is desired.
PLCPEN:
The PLCPEN bit enables PLCP frame insertion. When a logic 1 is written to
PLCPEN, DS3, E3 G.751, DS1, or E1 PLCP framing is inserted. The PLCP
format is specified by the FORM[1:0] bits in this register. When a logic 0 is
written to PLCPEN, PLCP related functions in the SPLT block are disabled.
The PLCPEN bit must be set to logic 0 for G.832 E3, J2, and arbitrary
framing formats.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com