Electronic Components Datasheet Search
  English  ▼

X  

PM7346 Datasheet(PDF) 141 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 141 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 137Page - PMC-Sierra, Inc PM7346 Datasheet HTML 138Page - PMC-Sierra, Inc PM7346 Datasheet HTML 139Page - PMC-Sierra, Inc PM7346 Datasheet HTML 140Page - PMC-Sierra, Inc PM7346 Datasheet HTML 141Page - PMC-Sierra, Inc PM7346 Datasheet HTML 142Page - PMC-Sierra, Inc PM7346 Datasheet HTML 143Page - PMC-Sierra, Inc PM7346 Datasheet HTML 144Page - PMC-Sierra, Inc PM7346 Datasheet HTML 145Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 120
Register 00DH, 10DH, 20DH, 30DH: SPLT Control
Bit
Type
Function
Default
Bit 7
Unused
X
Bit 6
R/W
SRCZN
0
Bit 5
R/W
SRCF1
0
Bit 4
R/W
SRCB1
0
Bit 3
R/W
SRCG1
0
Bit 2
R/W
SRCM1
0
Bit 1
R/W
SRCM2
0
Bit 0
R/W
SRCC1
0
SRCC1:
The SRCC1 bit value ORed with input TPOHINS selects the source for the
C1 octet on a bit by bit basis. If the OR results in a logic 0, the C1 bit position
is derived internally as specified by the FIXSTUFF bit in the SPLT
Configuration Register. If the OR results in a logic 1, the C1 bit position is
inserted with the value sampled on TPOH.
SRCM2:
The SRCM2 bit value ORed with input TPOHINS selects the source for the
M2 octet on a bit by bit basis. If the OR results in a logic 0, the M2 bit position
is derived internally as specified by the M2TYPE bit in the SPLT Configuration
Register. If the OR results in a logic 1, the M2 bit position is inserted with the
value sampled on TPOH. The M2 octet is set to logic 0 (as required by the
ATM Forum User Network Interface specification) by writing this bit position
with a logic 1, and connecting the TPOH input to VSS.
SRCM1:
The SRCM1 bit value ORed with input TPOHINS selects the source for the
M1 octet on a bit by bit basis. If the OR results in a logic 0, the M1 bit position
is derived internally as specified by the M1TYPE bit in the SPLT Configuration
Register. If the OR results in a logic 1, the M1 bit position is inserted with the
value sampled on TPOH. The M1 octet is set to logic 0 (as required by the
ATM Forum User Network Interface specification) by writing this bit position
with a logic 1, and connecting the TPOH input to VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com