Electronic Components Datasheet Search
  English  ▼

X  

PM7346 Datasheet(PDF) 126 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 126 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 122Page - PMC-Sierra, Inc PM7346 Datasheet HTML 123Page - PMC-Sierra, Inc PM7346 Datasheet HTML 124Page - PMC-Sierra, Inc PM7346 Datasheet HTML 125Page - PMC-Sierra, Inc PM7346 Datasheet HTML 126Page - PMC-Sierra, Inc PM7346 Datasheet HTML 127Page - PMC-Sierra, Inc PM7346 Datasheet HTML 128Page - PMC-Sierra, Inc PM7346 Datasheet HTML 129Page - PMC-Sierra, Inc PM7346 Datasheet HTML 130Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 105
Register 006H: S/UNI-QJET Identification, Master Reset, and Global
Monitor Update
Bit
Type
Function
Default
Bit 7
R/W
RESET
0
Bit 6
R
TYPE[3]
1
Bit 5
R
TYPE[2]
0
Bit 4
R
TYPE[1]
0
Bit 3
R
TYPE[0]
0
Bit 2
R
TIP
X
Bit 1
R
ID[1]
1
Bit 0
R
ID[0]
0
This register is used for global performance monitor updates, global software
resets, and for device identification. Writing any value except 80H into this
register initiates latching of all performance monitor counts in the PMON, RXCP-
50, and TXCP-50 blocks in all four quadrants of the S/UNI-QJET. The TIP register
bit is used to signal when the latching is complete.
The CPPM counter registers are not latched by writing to register 006H.
Counters in the CPPM can only be updated by writing to CPPM register
addresses (x22H – x2FH).
RESET:
The RESET bit allows software to asynchronously reset the S/UNI-QJET. The
software reset is equivalent to setting the RSTB input pin low, except that the
S/UNI-QJET Master Test Register is not affected. When a logic 1 is written to
RESET, the S/UNI-QJET is reset. When a logic 0 is written to RESET, the
reset is removed. The RESET bit must be explicitly set and cleared by writing
the corresponding logic value to this register.
TYPE[3:0]:
The TYPE[3:0] bits allow software to identify this device as the S/UNI-QJET
member of the S/UNI family of products.
TIP:
The TIP bit is set to a logic one when any value is written to this register.
Such a write initiates an accumulation interval transfer and loads all the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com