Electronic Components Datasheet Search
  English  ▼

X  

PM7346 Datasheet(PDF) 107 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 107 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 103Page - PMC-Sierra, Inc PM7346 Datasheet HTML 104Page - PMC-Sierra, Inc PM7346 Datasheet HTML 105Page - PMC-Sierra, Inc PM7346 Datasheet HTML 106Page - PMC-Sierra, Inc PM7346 Datasheet HTML 107Page - PMC-Sierra, Inc PM7346 Datasheet HTML 108Page - PMC-Sierra, Inc PM7346 Datasheet HTML 109Page - PMC-Sierra, Inc PM7346 Datasheet HTML 110Page - PMC-Sierra, Inc PM7346 Datasheet HTML 111Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 86
Address
Register
06EH
16EH
26EH
36EH
RXCP-50 Idle Cell Count LSB
06FH
16FH
26FH
36FH
RXCP-50 Idle Cell Count
070H
170H
270H
370H
RXCP-50 Idle Cell Count MSB
071H-
07FH
171H-
17FH
271H-
27FH
371H-
37FH
RXCP-50 Reserved
080H
180H
280H
380H
TXCP-50 Configuration 1
081H
181H
281H
381H
TXCP-50 Configuration 2
082H
182H
282H
382H
TXCP-50 Transmit Cell Status
083H
183H
283H
383H
TXCP-50 Interrupt Enable/Status
084H
184H
284H
384H
TXCP-50 Idle Cell Header Control
085H
185H
285H
385H
TXCP-50 Idle Cell Payload Control
086H
186H
286H
386H
TXCP-50 Transmit Cell Counter LSB
087H
187H
287H
387H
TXCP-50 Transmit Cell Counter
088H
188H
288H
388H
TXCP-50 Transmit Cell Counter MSB
089H-
08FH
189H-
18FH
289H-
28FH
389H-
38FH
TXCP-50 Reserved
090H
180H
290H
390H
TTB Control Register
091H
181H
291H
391H
TTB Trail Trace Identifier Status
092H
182H
292H
392H
TTB Indirect Address Register
093H
183H
293H
393H
TTB Indirect Data Register
094H
184H
294H
394H
TTB Expected Payload Type Label
Register
095H
195H
295H
395H
TTB Payload Type Label Control/Status
096H-
097H
196H-
197H
296H-
297H
396H-
397H
TTB Reserved
098H
198H
298H
398H
RBOC Configuration/Interrupt Enable
099H
199H
299H
399H
RBOC Status
09AH
19AH
29AH
39AH
XBOC Code
09BH
19BH
29BH
39BH
S/UNI-QJET Misc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com