Electronic Components Datasheet Search
  English  ▼

X  

PM7346 Datasheet(PDF) 252 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 252 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 248Page - PMC-Sierra, Inc PM7346 Datasheet HTML 249Page - PMC-Sierra, Inc PM7346 Datasheet HTML 250Page - PMC-Sierra, Inc PM7346 Datasheet HTML 251Page - PMC-Sierra, Inc PM7346 Datasheet HTML 252Page - PMC-Sierra, Inc PM7346 Datasheet HTML 253Page - PMC-Sierra, Inc PM7346 Datasheet HTML 254Page - PMC-Sierra, Inc PM7346 Datasheet HTML 255Page - PMC-Sierra, Inc PM7346 Datasheet HTML 256Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 231
Register 067H, 167H, 267H, 367H: RXCP-50 Idle Cell Header Pattern
Bit
Type
Function
Default
Bit 7
R/W
GFC[3]
0
Bit 6
R/W
GFC[2]
0
Bit 5
R/W
GFC[1]
0
Bit 4
R/W
GFC[0]
0
Bit 3
R/W
PTI[3]
0
Bit 2
R/W
PTI[2]
0
Bit 1
R/W
PTI[1]
0
Bit 0
R/W
CLP
1
GFC[3:0]:
The GFC[3:0] bits contain the pattern to match in the first, second, third, and
fourth bits of the first octet of the 53-octet cell, in conjunction with the Idle Cell
Header Mask Register. The IDLEPASS bit in the Configuration 2 Register
must be set to logic zero to enable dropping of cells matching this pattern.
Note that an all-zeros pattern must be present in the VPI and VCI fields of the
idle or unassigned cell.
PTI[2:0]:
The PTI[2:0] bits contain the pattern to match in the fifth, sixth, and seventh
bits of the fourth octet of the 53-octet cell, in conjunction with the Idle Cell
Header Mask Register. The IDLEPASS bit in the Configuration 2 Register
must be set to logic zero to enable dropping of cells matching this pattern.
CLP:
The CLP bit contains the pattern to match in the eighth bit of the fourth octet
of the 53-octet cell, in conjunction with the Match Header Mask Register. The
IDLEPASS bit in the Configuration 2 Register must be set to logic zero to
enable dropping of cells matching this pattern.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com