Electronic Components Datasheet Search
  English  ▼

X  

PM7346 Datasheet(PDF) 298 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 298 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 294Page - PMC-Sierra, Inc PM7346 Datasheet HTML 295Page - PMC-Sierra, Inc PM7346 Datasheet HTML 296Page - PMC-Sierra, Inc PM7346 Datasheet HTML 297Page - PMC-Sierra, Inc PM7346 Datasheet HTML 298Page - PMC-Sierra, Inc PM7346 Datasheet HTML 299Page - PMC-Sierra, Inc PM7346 Datasheet HTML 300Page - PMC-Sierra, Inc PM7346 Datasheet HTML 301Page - PMC-Sierra, Inc PM7346 Datasheet HTML 302Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 298 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 277
Register 0A4H, 1A4H, 2A4H, 3A4H: PRGD Error Insertion Register
Bit
Type
Function
Default
Bit 7
Unused
X
Bit 6
Unused
X
Bit 5
Unused
X
Bit 4
Unused
X
Bit 3
R/W
EVENT
0
Bit 2
R/W
EIR[2]
0
Bit 1
R/W
EIR[1]
0
Bit 0
R/W
EIR[0]
0
EVENT:
A low to high transition on the EVENT bit causes a single bit error to be
inserted in the generated pattern. This bit must be cleared and set again for
a subsequent error to be inserted.
EIR[2:0]:
The EIR[2:0] bits control the insertion of a programmable bit error rate as
indicated in the following table:
Table 22
- PRGD Generated Bit Error Rate Configurations
EIR[2:0]
Generated Bit Error Rate
000
No errors inserted
001
10-1
010
10-2
011
10-3
100
10-4
101
10-5
110
10-6
111
10-7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com