Electronic Components Datasheet Search
  English  ▼

X  

TMPR3916 Datasheet(PDF) 114 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 114 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 110Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 111Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 112Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 113Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 114Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 115Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 116Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 117Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 118Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 225 page
background image
Chapter 6 Direct Memory Access Controller (DMAC)
Preliminary
6-1
6.
Direct Memory Access Controller (DMAC)
The purpose of the Direct Memory Access Controller (DMAC) is to accelerate system speed and to make it
easier for software to transfer data between memory and peripheral devices. The DMA Controller contains the
following features:
•
The DMAC consists of two independent channels: channel 0 and channel 1. Channel 0 has higher priority
than channel 1 on GBUS transfers.
•
DMA transactions are only possible from device to memory or from memory to device. Devices are for
example UART and TXSEI.
•
The DMA transfer will start after request of a peripheral device. That’s why only data transfer will happen,
when the device needs data. The UARTs, the TXSEI or an external device can send a request.
•
At the end of a transaction or at the occurrence of an error an interrupt will be caused. The interrupt is only
maskable in the Interrupt Controller (INTC).
The following sequence shows the principle use of the DMA Controller to transfer data between memory and
a peripheral device:
1.
Configure the DMA and the peripheral device. Set the number of Bytes to be transferred.
2.
The DMA Controller waits for a request of the peripheral device.
3.
The DMA Controller transfers data between memory and the peripheral device.
4.
The DMA Controller sends an acknowledge to the peripheral device.
5.
If there are more bytes left to transfer go to point 2.
6.
The DMA Controller causes an interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com