| Electronic Components Datasheet Search |
|
TMPR3916 Datasheet(PDF) 118 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMPR3916 Datasheet(HTML) 118 Page - Toshiba Semiconductor |
|
118 / 225 page ![]() Chapter 6 Direct Memory Access Controller (DMAC) Preliminary 6-5 6.2 Registers Overview: Register (short name) Physical Address (hex) Name Function ODR0 ODR1 1C060000 1C060010 Operation Definition Register Basic channel settings CCR0 CCR1 1C060001 1C060011 Channel Control Register Controls channel operations CER0 CER1 1C060002 1C060012 Channel Error Register Cause of an error or interrupt CSR0 CSR1 1C060003 1C060013 Channel Status Resister Channel operating status SAR0 SAR1 1C060004 1C060014 Source Address Register Specifies the address, where to get data from DAR0 DAR1 1C060008 1C060018 Destination Address Register Specifies the address, where to write data to BCR0 BCR1 1C06000C 1C06001C Byte Count Register Specifies the number of transfer data in byte units Operation Definition Register (ODR) Bit 3130 292827 262524 Name SAC DAC PSIZ OSIZ MSIZ BST Bit Name Function Reset Value R/W 31 SAC Specifies, if the Source Address Register should count up. 0 = Source address does not count up (device to memory transfer) 1 = Source address counts up on each transfer (memory to device transfer) This bit should be set to 0, when the DAC bit is set to 1. 0 R/W 30 DAC Specifies, if the Destination Address Register should count up. 0 = Destination address does not count up (memory to device transfer) 1 = Source address counts up on each transfer (device to memory transfer) This bit should be set to 0, when the SAC bit is set to 1. 0 R/W 29:28 PSIZ Specifies the size of the device data register. 00 = 8 bits, register bits [31:24] 01 = 16 bits, register bits [31:16] 10 = 32 bits, register bits [31:0] 11 = Setting prohibited 00 R/W 27:26 OSIZ Specifies the width of DMA transfer. 00 = 8 bits 01 = 16 bits 10 = 32 bits 11 = Setting prohibited 00 R/W 25 MSIZ Specifies the bus width of the memory. 0 = 32 bits 1 = 16 bits (there is no use for this setting) 0 R/W 24 BST Specifies the detection mode for the request signal from the device. 0 = Edge detection 1 = Level detection For UART and TXSEI request signals use level detection. 0 R/W |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |