Electronic Components Datasheet Search
  English  ▼

X  

TMPR3916 Datasheet(PDF) 121 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 121 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 117Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 118Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 119Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 120Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 121Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 122Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 123Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 124Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 125Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 225 page
background image
Chapter 6 Direct Memory Access Controller (DMAC)
Preliminary
6-8
Destination Address Register (DAR)
Bit
31
24
23
0
Name
DAL
DAC
Bit
Name
Function
Reset
Value
R/W
31:24
DAL
Base Address
This part of the destination address will not count up.
0
R/W
23:0
DAC
Address Offset
This part of the destination address will count up on every write,
when the DMA Controller transfers data from a peripheral device to
the memory.
0
R/W
Byte Count Register (BCR)
Bit
31
24
23
0
Name
BC
Bit
Name
Function
Reset
Value
R/W
31:24
Unused
0R
23:0
BC
These bits contain the number of bytes left to transfer.
The DMA Controller decrements the contents of this register after
every transfer.
0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com