Electronic Components Datasheet Search
  English  ▼

X  

TMPR3916 Datasheet(PDF) 124 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 124 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 120Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 121Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 122Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 123Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 124Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 125Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 126Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 127Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 128Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 225 page
background image
Chapter 7 CAN Module (TXCAN)
Preliminary
7-3
7.2
TXCAN Registers
TXCAN Local Memory Map
physical base address channel 1 = 1C07 0000 (hex)
physical base address channel 2 = 1C07 8000 (hex)
Offset Address
Name
Description
0x000
DPRAM
Mailbox RAM (mailbox 0)
:
0x0F0
DPRAM
Mailbox RAM (mailbox 15)
0x100
MC
Mailbox Configuration Register
0x104
MD
Mailbox Direction Register
0x108
TRS
Transmit Request Set Register
0x10C
TRR
Transmit Request Reset Register
0x110
TA
Transmission Acknowledge Register
0x114
AA
Abort Acknowledge Register
0x118
RMP
Receive Message Pending Register
0x11C
RML
Receive Message Lost Register
0x120
LAM
Local Acceptance Mask Register
0x124
GAM
Global Acceptance Mask Register
0x128
MCR
Master Control Register
0x12C
GSR
Global Status Register
0x130
BCR1
Bit Configuration Register 1
0x134
BCR2
Bit Configuration Register 2
0x138
GIF
Global Interrupt Flag Register
0x13C
GIM
Global Interrupt Mask Register
0x140
MBTIF
Mailbox Transmit Interrupt Flag Register
0x144
MBRIF
Mailbox Receive Interrupt Flag Register
0x148
MBIM
Mailbox Interrupt Mask Register
0x14C
CDR
Change Data Request
0x150
RFP
Remote Frame Pending Register
0x154
CEC
CAN Error Counter Register
0x158
TSP
Time Stamp Counter Prescaler
0x15C
TSC
Time Stamp Counter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com