Electronic Components Datasheet Search
  English  ▼

X  

TMPR3916 Datasheet(PDF) 127 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 127 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 123Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 124Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 125Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 126Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 127Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 128Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 129Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 130Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 131Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 225 page
background image
Chapter 7 CAN Module (TXCAN)
Preliminary
7-6
7.2.2
Control Registers
Mailbox Configuration Register (MC)
Bit
15
0
Name
MC
Bit
Name
Function
Reset
Value
Mode
15:0
MC
Mailbox Enable
0 = The corresponding mailbox MBn is disabled for the CAN module
and the write access to the identifier field of the mailbox is
possible.
1 = The mailbox is enabled for the TXCAN state machine. Write
access to the identifier field of an enabled mailbox is denied.
Write access to the data field and control field of a mailbox is always
possible. After power-up, all bits in MC are cleared and all
mailboxes are disabled.
0
R/W
Special care is required during reprogramming of MC in operation:
For a receive mailbox it needs to be ensured that the mailbox is not being disabled while a reception
for this mailbox is ongoing. If a mailbox is disabled during an ongoing reception, the user must be
aware that the current frame might be received, even though the mailbox has been disabled or
reconfigured during the reception of the incoming CAN frame.
A transmit mailbox may never be disabled, when a transmit request is pending.
Mailbox Direction Register (MD)
Bit
15
14
0
Name
MD15
MD14 .. MD0
Bit
Name
Function
Reset
Value
Mode
15
MD15
Mailbox Direction of Mailbox 15
Mailbox 15 is receive-only. This bit is always 1 and cannot be
changed.
1
R
14:0
MD14
to
MD0
Mailbox Direction of Mailboxes 14 to 0
Each mailbox can be configured as transmit mailbox or receive
mailbox.
0 = Transmit mailbox
1 = Receive mailbox
0
R/W
The direction of mailboxes may not be changed in operation. A mailbox needs to be disabled before
its direction may be changed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com