Electronic Components Datasheet Search
  English  ▼

X  

TMPR3916 Datasheet(PDF) 123 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 123 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 119Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 120Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 121Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 122Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 123Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 124Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 125Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 126Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 127Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 225 page
background image
Chapter 7 CAN Module (TXCAN)
Preliminary
7-2
7.1
Block Diagram
Register Bank
&
Interrupt Logic
CAN Protocol Controller
TXCAN State Machine
MCU
Interface
&
Access
Arbiter
Mailbox RAM
16* 128
Temporary Transmit
Buffer
Acceptance
Filter
Time Stamp
Counter
Reset Controller,
Clock & Sleep
Logic
Address / Data
Control Signals
Goes to the whole design
Rx/Tx
Control
Add/
Data
Clock/
Reset
TXCAN
Temporary Receive
Buffer
Figure 7.1.1 Block Diagram CAN Module
7.1.1
Message Buffers
The message storage is implemented in a single-port RAM, which can be addressed by the inner
CAN core and the MCU. The MCU controls the CAN controller by modifying the various mailboxes in
the RAM or the configuration registers.
In order to initiate a transfer, the transmission request bit has to be set in the corresponding register.
Afterwards the entire transmission procedure and possible error handling is done without any MCU
involvement. If a mailbox has been configured as receive the MCU reads the mailbox data using MCU
read instructions. The mailbox can be configured to interrupt the MCU after every successful message
transmission or reception.
The mailbox module provides 16 mailboxes of 8-byte data length, 29 bit identifier and several control
bits. Each mailbox can be configured as either transmit or receive, except for mailbox 15. This mailbox
is a receive-only buffer with a special acceptance mask designed to select groups of message identifiers
to be received.
The mailbox area is implemented in a single-port-RAM.
7.1.2
Electrical CAN-Interface
The interface to the CAN bus is a simple two-wire line consisting of an input pin Rx and an output
pin Tx. The pins are thought to operate with CAN bus transceivers according to ISO/DIS 11989 (e.g.
Philips PCA 82C252, Bosch CF150 or Siliconix SI 9200).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com