Electronic Components Datasheet Search
  English  ▼

X  

TMPR3916 Datasheet(PDF) 163 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 163 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 159Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 160Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 161Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 162Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 163Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 164Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 165Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 166Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 167Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 225 page
background image
Chapter 9 Synchronous Serial I/O (TXSEI)
Preliminary
9-8
As an example, some common settings for fSYS = 60 MHz are shown in the table below:
SER Setting
SEI Clock Rate (fSEI)
Sustained Peak
Data Rate
half-duplex
Sustained Peak
Data Rate
full-duplex
0x00
Invalid setting
Invalid setting
Invalid setting
0x01
15 MHz
15 Mbps
30 Mbps
0x02
10 MHz
10 Mbps
20 Mbps
0x03
7.5 MHz
7.5 Mbps
15 Mbps
0x04
6 MHz
6 Mbps
12 Mbps
0x05
5 MHz
5 Mbps
10 Mbps
0x09
3 MHz
3 Mbps
6 Mbps
0x13
1.5 MHz
1.5 Mbps
3 Mbps
0xFF
117.1875 kHz
117.1875 kbps
234.375 kbps
In slave mode, the setting is ignored and the clock is derived from the clock on the SEI bus.
Note: Due to the internal over-sampling, if the module is operated in slave mode, the input
baud-rate must be slightly less than 1/8 of the input system clock to the module.
(e.g. 60 MHz system input clock => SPI slave baud rate max. 7.25 Mbps)
SEI Inter Frame Space Register (SEFS)
Bit
3130
29
28
27
262524
Name
Bit
2322
212019
181716
Name
Bit
1514
131211
10
9
8
Name
IFS[9:8]
Bit
7
6
543
21
0
Name
IFS[7:0]
Bit
Name
Function
Reset
Value
R/W
31:10
Unused
0x000000
R
9:0
IFS
Inter frame space: Time between two consecutive transmission
frames
0
R/W
This register is used to configure the amount of time, which is inserted between two consecutive frames.
The time is guaranteed by an internal 10-bit down counter. The counter can be operated with or without
prescaler. The IFSPSE bit of the SECR0 register determines whether the prescaler should be used or not.
When operating without prescaler, the counter runs on SEI system clock. When operating with prescaler, the
counter runs on 1/32 of SEI system clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com