Electronic Components Datasheet Search
  English  ▼

X  

TMPR3916 Datasheet(PDF) 214 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 214 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 210Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 211Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 212Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 213Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 214Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 215Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 216Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 217Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 218Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 225 page
background image
Chapter 12 Package
Preliminary
12-1
12. Package
12.1 Pin Assignment
157
D9
VDD
104
158
D10
VSS
103
159
D11
PIO22
102
160
D12
PIO23
101
161
D13
PIO24
100
162
D14
PIO25
99
163
VSS
PIO26
98
164
D15
PIO27
97
165
D16
VSS2
96
166
D17
VDD
95
167
D18
PIO28
94
168
VDD
PIO29
93
169
VSS2
DOTCLK
92
170
D19
HSYNC
91
171
D20
VSYNC
90
172
D21
HDISP
89
173
VSS3
VSS
88
174
VDD3
dreset
87
175
D22
sdi
86
176
VSS
dbge
85
177
D23
sdao
84
178
D24
pcst0
83
179
D25
pcst1
82
180
D26
pcst2
81
181
D27
dclk
80
182
D28
VDD3
79
183
D29
VSS3
78
184
VDD
VSS
77
185
D30
RXCAN0
76
186
VSS
TXCAN0
75
187
D31
RXCAN1
74
188
A2
TXCAN1
73
189
A3
VDD
72
190
A4
VSS
71
191
A5
VSS2
70
192
A6
DGND
69
193
A7
DVCC
68
194
A8
AVCC1
67
195
VSS3
AGND3
66
196
VDD3
AVCC2
65
197
VSS
VREF
64
198
A9
VBS
63
199
VSS2
AGND2
62
200
VDD
FSADJ
61
201
A10
AGND1
60
202
A11
BOUT
59
203
A12
GOUT
58
204
A13
ROUT
57
205
A14
AGND5
56
206
A15
AGND4
55
207
A16
AVCC3
54
208
A17
Not Connected
53
Figure 12.1.1 TMPR3916F’s Pin Assignment
TMPR3916F
TOP VIEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com