Electronic Components Datasheet Search
  English  ▼

X  

ADPL74101 Datasheet(PDF) 28 Page - Analog Devices

Part # ADPL74101
Description  100V Synchronous Step-Down Controller with Internal Bootstrap Switch
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL74101 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADPL74101 Datasheet HTML 24Page - Analog Devices ADPL74101 Datasheet HTML 25Page - Analog Devices ADPL74101 Datasheet HTML 26Page - Analog Devices ADPL74101 Datasheet HTML 27Page - Analog Devices ADPL74101 Datasheet HTML 28Page - Analog Devices ADPL74101 Datasheet HTML 29Page - Analog Devices ADPL74101 Datasheet HTML 30Page - Analog Devices ADPL74101 Datasheet HTML 31Page - Analog Devices ADPL74101 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 49 page
background image
Data Sheet
ADPL74101
analog.com
Rev. 0
28 of 49
A PLL is also available on the ADPL74101 to synchronize the internal oscillator to an external clock source connected
to the PLLIN/ SPREAD pin. After the PLL locks, TG is synchronized to the rising edge of the external clock signal. See
the Phase-Locked Loop and Frequency Synchronization section for more details.
Selecting the Light-Load Operating Mode
The ADPL74101 can be set to enter high-efficiency Burst Mode operation, constant-frequency pulse skipping mode,
or forced continuous conduction mode at light load currents. To select Burst Mode operation, tie the MODE pin to
GND. To select forced continuous operation, tie the MODE pin to INTVCC. To select pulse skipping mode, tie the MODE
pin to INTVCC through a 100kΩ resistor. An internal 100kΩ resistor from the MODE pin to GND selects Burst Mode if
the pin is floating. When synchronized to an external clock via the PLLIN/SPREAD pin, the ADPL74101 operates in
pulse-skipping mode when selected. Otherwise, the ADPL74101 operates in forced continuous mode.
Table 5 summarizes the use of the MODE pin to select the light load operating mode.
Table 5. Using the MODE Pin to Select Light Load Operating Mode
MODE PIN
LIGHT-LOAD OPERATING MODE
MODE WHEN SYNCHRONIZED
0V or Floating
Burst Mode
Forced Continuous
100kΩ to INTVCC
Pulse-Skipping
Pulse-Skipping
INTVCC
Forced Continuous
Forced Continuous
The requirements of each application dictate the appropriate choice for the light-load operating mode. In Burst Mode
operation, the inductor current is not allowed to reverse. The reverse current comparator turns off the bottom FET
before the inductor current reaches zero, preventing it from reversing and going negative. Therefore, the regulator
operates in discontinuous operation. In addition, when the load current is light, the inductor current begins bursting
at frequencies lower than the switching frequency and enters a low current sleep mode when not switching. As a
result, Burst Mode operation has the highest possible efficiency at light loads.
In forced continuous mode, the inductor current is allowed to reverse at light loads and switches at the same
frequency regardless of the load. In this mode, the efficiency at light loads is considerably lower than in Burst Mode
operation. However, continuous operation has the advantage of lower output-voltage ripple and less interference to
audio circuitry. In forced continuous mode, the output ripple is independent of the load current.
In pulse-skipping mode, constant-frequency operation is maintained down to approximately 1% of the designed
maximum output current. At very light loads, the PWM comparator can remain tripped for several cycles and force
the top FET to remain off for the same number of cycles (skipping pulses). The inductor current is not allowed to
reverse (discontinuous operation). This mode, like forced continuous operation, exhibits low output ripple, low
audio noise, and reduced RF interference compared to Burst Mode operation. Pulse skipping mode provides higher
light-load efficiency than forced continuous mode, but not nearly as high as Burst Mode operation. Consequently,
pulse-skipping mode represents a compromise between light-load efficiency, output ripple, and EMI.
In some applications, it may be desirable to change the light load operating mode based on the conditions present
in the system. For example, if a system is inactive, the user can select high-efficiency Burst Mode operation by keeping
the MODE pin set to 0V. When the system wakes, the user can send an external clock to PLLIN/ SPREAD, or tie MODE
to INTVCC to switch to low noise forced continuous mode. These on-the-fly mode changes can allow an individual
application to benefit from the advantages of each light load operating mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com