Electronic Components Datasheet Search
  English  ▼

X  

ADPL74101 Datasheet(PDF) 22 Page - Analog Devices

Part # ADPL74101
Description  100V Synchronous Step-Down Controller with Internal Bootstrap Switch
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL74101 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADPL74101 Datasheet HTML 18Page - Analog Devices ADPL74101 Datasheet HTML 19Page - Analog Devices ADPL74101 Datasheet HTML 20Page - Analog Devices ADPL74101 Datasheet HTML 21Page - Analog Devices ADPL74101 Datasheet HTML 22Page - Analog Devices ADPL74101 Datasheet HTML 23Page - Analog Devices ADPL74101 Datasheet HTML 24Page - Analog Devices ADPL74101 Datasheet HTML 25Page - Analog Devices ADPL74101 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 49 page
background image
Data Sheet
ADPL74101
analog.com
Rev. 0
22 of 49
Output Overvoltage Protection
The ADPL74101 has an overvoltage comparator that guards against transient overshoots and other more serious
conditions that can cause output overvoltage. When the VFB pin rises by more than 10% above its regulation point
of 0.8V, the top FET turns off, and the inductor current cannot reverse.
Foldback Current
When the output voltage falls to less than 70% of its nominal level, foldback current limiting is activated,
progressively lowering the peak current limit in proportion to the severity of the overcurrent or short-circuit
condition. Foldback current limiting is disabled during the soft start interval (as long as the VFB voltage is keeping up
with the TRACK/SS voltage).
Power Good
The ADPL74101 has a PGOOD pin that is connected to the open-drain of an internal N-channel MOSFET. The MOSFET
turns on and pulls the PGOOD pin low when the VFB voltage is not within ±10% of the 0.8V reference. The PGOOD pin
is also pulled low when the RUN pin is low (shutdown). When the VFB voltage is within the ±10% requirement, the
MOSFET turns off, and the pin can be pulled up by an external resistor to a source no greater than 6V, such as INTVCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com