Electronic Components Datasheet Search
  English  ▼

X  

ADPL74101 Datasheet(PDF) 36 Page - Analog Devices

Part # ADPL74101
Description  100V Synchronous Step-Down Controller with Internal Bootstrap Switch
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL74101 Datasheet(HTML) 36 Page - Analog Devices

Back Button ADPL74101 Datasheet HTML 32Page - Analog Devices ADPL74101 Datasheet HTML 33Page - Analog Devices ADPL74101 Datasheet HTML 34Page - Analog Devices ADPL74101 Datasheet HTML 35Page - Analog Devices ADPL74101 Datasheet HTML 36Page - Analog Devices ADPL74101 Datasheet HTML 37Page - Analog Devices ADPL74101 Datasheet HTML 38Page - Analog Devices ADPL74101 Datasheet HTML 39Page - Analog Devices ADPL74101 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 49 page
background image
Data Sheet
ADPL74101
analog.com
Rev. 0
36 of 49
Fault Conditions: Current Limit and Foldback
The ADPL74101 includes current foldback to reduce the load current when the output is shorted to GND. If the output
voltage falls below 70% of its regulation point, the maximum sense voltage is progressively lowered from 100% to
40% of its maximum value. Under short-circuit conditions with low duty cycles, the ADPL74101 begins cycle skipping
to limit the short-circuit current. In this situation, the bottom FET dissipates most of the power, but less than in
normal operation. The short-circuit ripple current (ΔIL(SC)) is determined by tON(MIN) ≈ 40ns, the input voltage, and the
inductor value given by Equation 23, as follows:
∆IL = tON(MIN) ×
������������������
L
(23)
The resulting average short-circuit current (ISC) is given by Equation 24, as follows:
ISC = 40% × ILIM(MAX) −
∆IL(SC)
2
(24)
where ILIM(MAX) is the maximum peak inductor current.
Fault Conditions: Overvoltage Protection
If the output voltage rises 10% above the set regulation point, the top FET turns off, and the inductor current is not
allowed to reverse until the overvoltage condition clears.
Fault Conditions: Overtemperature Protection
At higher temperatures or when the internal power dissipation causes excessive self-heating (for example: a short
from INTVCC to GND), the internal overtemperature shutdown circuitry shuts down the ADPL74101. When the internal
die temperature exceeds 180°C, the INTVCC LDO regulator and gate drivers disable. When the die cools to 160°C, the
ADPL74101 enables the INTVCC LDO regulator and resumes operation, starting with a soft-start startup. Avoid long-
term overstress (TJ > 125°C) because it can degrade the device performance or shorten the device life.
Phase-Locked Loop and Frequency Synchronization
The ADPL74101 has an internal PLL that allows the turn-on of the top FET to be synchronized to the rising edge of an
external clock signal applied to the PLLIN/SPREAD pin.
Rapid phase locking can be achieved by using the FREQ pin to set a free-running frequency near the desired
synchronization frequency. Before synchronization, the PLL is prebiased to the frequency set by the FREQ pin.
Consequently, the PLL only needs to make minor adjustments to achieve phase lock and synchronization. Although
it is not required, placing the free-running frequency near the external clock frequency prevents the oscillator from
passing through a large range of frequencies as the PLL locks.
When synchronized to an external clock, the ADPL74101 operates in pulse-skipping mode when the MODE pin is
selected, or in forced continuous mode otherwise. The ADPL74101 is guaranteed to synchronize to an external clock
applied to the PLLIN/SPREAD pin that swings up to at least 2.2V and down to 0.5V or less. Note that the ADPL74101
can only be synchronized to an external clock frequency between 100kHz to 1MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com