Electronic Components Datasheet Search
  English  ▼

X  

ADPL74101 Datasheet(PDF) 6 Page - Analog Devices

Part # ADPL74101
Description  100V Synchronous Step-Down Controller with Internal Bootstrap Switch
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL74101 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADPL74101 Datasheet HTML 2Page - Analog Devices ADPL74101 Datasheet HTML 3Page - Analog Devices ADPL74101 Datasheet HTML 4Page - Analog Devices ADPL74101 Datasheet HTML 5Page - Analog Devices ADPL74101 Datasheet HTML 6Page - Analog Devices ADPL74101 Datasheet HTML 7Page - Analog Devices ADPL74101 Datasheet HTML 8Page - Analog Devices ADPL74101 Datasheet HTML 9Page - Analog Devices ADPL74101 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
Data Sheet
ADPL74101
analog.com
Rev. 0
6 of 49
(Specifications are at TJ = -40°C to +125°C for the minimum and maximum values, TA = 25°C for the typical values,
VIN = 12V, RUN = 12V, VPRG = Floating, EXTVCC = 0V, DRVSET = 0V, DRVUV = 0V, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS/COMMENTS
MIN
TYP
MAX
UNITS
RUN Pin Hysteresis
120
mV
DC Supply Current
VIN Shutdown
Current
RUN = 0V
1
µA
VIN Sleep Mode
Current
SENSE- < 3.2V, EXTVCC = 0V
15
µA
Sleep Mode Current3
VIN Current
VIN Current
EXTVCC Current
SENSE- Current
SENSE- ≥ 3.2V, EXTVCC = 0V
SENSE- ≥ 3.2V, EXTVCC ≥ 4.8V
SENSE- ≥ 3.2V, EXTVCC ≥ 4.8V
SENSE- ≥ 3.2V
5
1
6
10
µA
µA
µA
µA
Pulse-Skipping (PS) or
Forced Continuous
Mode (FCM), VIN or
EXTVCC Current3
2
mA
Gate Drivers
TG or BG
On-Resistance
DRVSET = INTVCC
Pull-Up
Pull-Down
2.0
1.0
Ω
Ω
BOOST to DRVCC
Switch On-Resistance
DRVSET = INTVCC
7
Ω
TG or BG
Transition Time4
Rise Time, CLOAD = 3300pF
Fall Time, CLOAD = 3300pF
25
15
ns
ns
TG Off to BG On
Delay Time4
Synchronous Switch
On-Delay Time
20
ns
BG Off to TG
On-Delay Time4
Top Switch On-Delay
Time
20
ns
TG Minimum On-Time5
tON(MIN)
40
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com