Electronic Components Datasheet Search
  English  ▼

X  

ADPL74101 Datasheet(PDF) 29 Page - Analog Devices

Part # ADPL74101
Description  100V Synchronous Step-Down Controller with Internal Bootstrap Switch
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL74101 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADPL74101 Datasheet HTML 25Page - Analog Devices ADPL74101 Datasheet HTML 26Page - Analog Devices ADPL74101 Datasheet HTML 27Page - Analog Devices ADPL74101 Datasheet HTML 28Page - Analog Devices ADPL74101 Datasheet HTML 29Page - Analog Devices ADPL74101 Datasheet HTML 30Page - Analog Devices ADPL74101 Datasheet HTML 31Page - Analog Devices ADPL74101 Datasheet HTML 32Page - Analog Devices ADPL74101 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 49 page
background image
Data Sheet
ADPL74101
analog.com
Rev. 0
29 of 49
Dead Time Control
The ADPL74101 uses dead time control. The dead time is measured between one FET turning off and the other FET
turning on. The delay between BG and TG transitions is fixed to approximately 20 ns.
Figure 33. Dead Time Control
Power FET Selection
Two external power FETs must be selected for the ADPL74101: one N-channel FET for the top (main) switch and one
N-channel FET for the bottom (synchronous) switch. The peak-to-peak gate drive levels are set by the INTVCC
regulation point (4V to 5.5V). For silicon MOSFETs, logic-level threshold MOSFETs are required in most applications.
Pay close attention to the breakdown voltage (BVDSS) specification for the FETs as well.
Selection criteria for the power FETs include the on resistance (RDS(ON)), Miller capacitance (CMILLER), input voltage, and
maximum output current. CMILLER can be approximated from the gate-charge curve typically provided in the
data sheet of the FET manufacturer. CMILLER is equal to the increase in gate charge along the horizontal axis while the
curve is approximately flat, divided by the specified change in the voltage difference between the drain and source
terminals of the MOSFET (VDS). This result is then multiplied by the ratio of the application applied VDS to the gate-
charge-curve specified VDS. When the device is operating in continuous mode, the duty cycles for the top and bottom
FETs are given by Equation 10 and Equation 11, as follows:
Main Switch Duty Cycle =
VOUT
VIN
(10)
Synchronous Switch Duty Cycle =
VIN−VOUT
VIN
(11)
The FET power dissipation at maximum output current is given by Equation 12 and Equation 13, as follows:
PMAIN =
VOUT
VIN
(IMAX)2 × (1 + δ)RDS(ON) + (VIN)2(
IMAX
2
)
× (R
DR)(CMILLER) ×
(
1
VINTVCC−VTHMIN
+
1
VTHMIN
)(f)
(12)
PSYNC =
VIN−VOUT
VIN
(IMAX)2(1 + δ)RDS(ON)
(13)
where:
PMAIN is the power dissipation from the main switch.
δ is the temperature dependency of RDS(ON) (δ ≈ 0.005/°C).
RDR is the effective driver resistance at the FET’s Miller threshold voltage (RDR ≈ 2Ω).
VINTVCC is the INTVCC voltage.
VTHMIN is the typical FET minimum threshold voltage.
PSYNC is the power dissipation from the synchronous switch.
TG MINUS SW
1V
1V
BG
SW
GND
VIN
20ns
20ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com