Electronic Components Datasheet Search
  English  ▼

X  

ADPL74101 Datasheet(PDF) 46 Page - Analog Devices

Part # ADPL74101
Description  100V Synchronous Step-Down Controller with Internal Bootstrap Switch
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL74101 Datasheet(HTML) 46 Page - Analog Devices

Back Button ADPL74101 Datasheet HTML 41Page - Analog Devices ADPL74101 Datasheet HTML 42Page - Analog Devices ADPL74101 Datasheet HTML 43Page - Analog Devices ADPL74101 Datasheet HTML 44Page - Analog Devices ADPL74101 Datasheet HTML 45Page - Analog Devices ADPL74101 Datasheet HTML 46Page - Analog Devices ADPL74101 Datasheet HTML 47Page - Analog Devices ADPL74101 Datasheet HTML 48Page - Analog Devices ADPL74101 Datasheet HTML 49Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 46 / 49 page
background image
Data Sheet
ADPL74101
analog.com
Rev. 0
46 of 49
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC7897
140V, Low IQ, Synchronous Buck
Controller with Programmable
5V to 10V Gate Drive
4.5V ≤ VIN ≤ 140V, VOUT Up to 135V, 100kHz to 3MHz
Fixed Operating Frequency, 4mm × 5mm,
28-Lead Quad Flat No Lead (QFN)
LTC7810
150V, Low IQ, Dual, 2-Phase
Synchronous Step-Down DC/DC
Controller with 100% Duty Cycle,
10V Gate Drive
4.5V ≤ VIN ≤ 140V, 1V ≤ VOUT ≤ 60V, IQ = 110µA,
PLL Fixed Frequency 50kHz to 750kHz, 48-Lead,
7mm × 7mm, eLQFP Package
LTC7803
40V, Low IQ, 3MHz Synchronous
Step-Down Controller with
Spread Spectrum
PLL Fixed Frequency of 100kHz to 3MHz,
4.5V ≤ VIN ≤ 40V, IQ = 12µA, 0.8V ≤ VOUT ≤ 40V,
3mm × 3mm, 16-QFN Package, 16-Lead Mini Small
Outline Package (MSOP)
LTC7805
40V, Low IQ, Dual, 2-Phase,
100% Duty Cycle Synchronous
Step-Down Controller
PLL Fixed Frequency of 100kHz to 3MHz,
4.5V ≤ VIN ≤ 40V, IQ = 14µA, VOUT Up to 40V,
4mm × 5mm, 28-Lead QFN Package
LTC7802
40V, Low IQ, 3MHz Dual, 2-Phase,
Synchronous Step-Down
Controller with Spread Spectrum
4.5V ≤ VIN ≤ 40V, VOUT Up to 40V, IQ = 12µA, PLL Fixed
Frequency of 100kHz to 3MHz, 4mm × 5mm,
28-Lead QFN Package
LTC7800
60V, Low IQ, High Frequency,
Synchronous Step-Down
Controller
4.5V ≤ VIN ≤ 60V, 0.8V ≤ VOUT ≤ 24V, IQ = 50µA,
PLL Fixed Frequency of 320kHz to 2.25MHz,
3mm × 4mm, 20-Lead QFN Package
LTC7804
40V, Low IQ, 3MHz Synchronous
Boost Controller with Spread
Spectrum
4.5V ≤ VIN ≤ 40V, VOUT Up to 40V, 100kHz to 3MHz
Fixed Operating Frequency, 3mm × 3mm, QFN-16
LTC3866
38V, Synchronous Step-Down
Controller with Sub-mΩ DCR
Sensing and Differential Output
Sense
4.5V ≤ VIN ≤ 38V, 0.6V ≤ VOUT ≤ 3.5V, PLL Fixed
Frequency of 250kHz to 770kHz, 4mm × 4mm,
24-Lead QFN Package, 24-Lead Thin Shrink Small
Outline Package (TSSOP)
LTC3833
38V, Synchronous Step-Down
Controller with Differential
Output Voltage Sensing
4.5V ≤ VIN ≤ 38V, 0.6V ≤ VOUT ≤ 5.5V, PLL Fixed
Frequency of 200kHz to 2MHz, 3mm × 4mm,
20-Lead QFN package, 20-Lead TSSOP
LTC7801
150V, Low IQ, Synchronous
Step-Down DC/DC Controller
4.5V ≤ VIN ≤ 140V, 150VPK, 0.8V ≤ VOUT ≤ 60V,
IQ = 40µA, PLL Fixed Frequency of 50kHz to 900kHz,
4mm × 5mm, 24-Lead QFN Package,
24-Lead TSSOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com