Electronic Components Datasheet Search
  English  ▼

X  

ADPL74101 Datasheet(PDF) 35 Page - Analog Devices

Part # ADPL74101
Description  100V Synchronous Step-Down Controller with Internal Bootstrap Switch
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL74101 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADPL74101 Datasheet HTML 31Page - Analog Devices ADPL74101 Datasheet HTML 32Page - Analog Devices ADPL74101 Datasheet HTML 33Page - Analog Devices ADPL74101 Datasheet HTML 34Page - Analog Devices ADPL74101 Datasheet HTML 35Page - Analog Devices ADPL74101 Datasheet HTML 36Page - Analog Devices ADPL74101 Datasheet HTML 37Page - Analog Devices ADPL74101 Datasheet HTML 38Page - Analog Devices ADPL74101 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 49 page
background image
Data Sheet
ADPL74101
analog.com
Rev. 0
35 of 49
However, for 3.3V and other low-voltage outputs, additional circuitry is required to derive INTVCC power from the
output.
The following list summarizes the three possible connections for EXTVCC:
1. EXTVCC grounded. This connection causes the internal VIN LDO regulator to power INTVCC, resulting in an
efficiency penalty of up to 10% or more at high input voltages.
2. EXTVCC is connected directly to the regulator output. This connection is the normal connection for an
application with an output range of 5V to 30V and provides the highest efficiency.
3. EXTVCC connected to an external supply. If an external supply is available, it can be used to power EXTVCC,
provided that it is compatible with the FET gate drive requirements. This supply can be higher or lower than
VIN. However, a lower EXTVCC voltage results in higher efficiency.
4. EXTVCC connected to an output-derived boost or charge pump. For regulators with outputs below 5V,
efficiency gains can still be realized by connecting EXTVCC to an output-derived voltage that is boosted above
the EXTVCCswitchover threshold.
Topside FET Driver Supply (C
B)
An external bootstrap capacitor (CB) connected to the BOOST pin supplies the gate drive voltage for the topside FET.
CB in Figure 28 (Functional Diagram) is charged via an internal switch from DRVCC when the SW pin is low, and the
bottom FET is turned on. The on-resistance of the internal switch is approximately 7Ω. To deliver more charge current
to CB under certain operating conditions, place an external Schottky diode between BSTVCC and BOOST to bypass
most of the internal switch resistance between DRVCC and BOOST.
When the topside FET turns on, the driver places the CB voltage across the gate source of the desired FET, which
enhances the FET and turns on the topside switch. The switch node voltage, SW, rises to VIN, and the BOOST pin
follows. With the topside FET on, the boost voltage is above the input supply: VBOOST = VIN + VINTVCC. The value of CB
must be 100 times the total input capacitance of the topside FETs. For a typical application, a value of CB = 0.1μF is
sufficient.
Minimum On-Time Considerations
The minimum on time (tON(MIN)) is the smallest time duration that the ADPL74101 is capable of turning on the top FET.
tON(MIN) is determined by internal timing delays and the gate charge required to turn on the FET. Low-duty-cycle
applications can approach this minimum on time limit. Take care to ensure the results in Equation 22, as follows:
tON(MIN) <
VOUT
VIN× f
(22)
If the duty cycle falls below the minimum on-time requirement, the controller begins to skip cycles. The output
voltage continues to be regulated, but the ripple voltage and current increases. The minimum on-time for the
ADPL74101 is approximately 40ns. However, as the peak sense voltage decreases, the minimum on time gradually
increases to about 60ns. This change is of particular concern in forced continuous applications with low ripple
current at light loads. If the duty cycle drops below the minimum on-time limit in this situation, significant cycle
skipping can occur with correspondingly larger current and voltage ripple.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com