Electronic Components Datasheet Search
  English  ▼

X  

ADPL74101 Datasheet(PDF) 13 Page - Analog Devices

Part # ADPL74101
Description  100V Synchronous Step-Down Controller with Internal Bootstrap Switch
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL74101 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADPL74101 Datasheet HTML 9Page - Analog Devices ADPL74101 Datasheet HTML 10Page - Analog Devices ADPL74101 Datasheet HTML 11Page - Analog Devices ADPL74101 Datasheet HTML 12Page - Analog Devices ADPL74101 Datasheet HTML 13Page - Analog Devices ADPL74101 Datasheet HTML 14Page - Analog Devices ADPL74101 Datasheet HTML 15Page - Analog Devices ADPL74101 Datasheet HTML 16Page - Analog Devices ADPL74101 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
Data Sheet
ADPL74101
analog.com
Rev. 0
13 of 49
21
VFB
Error Amplifier Feedback Input. If VPRG is floating, VFB receives the remotely sensed
feedback voltage from an external resistive divider across the output. If VPRG is tied to
GND or INTVCC, VFB receives the remotely sensed output voltage directly.
22
SENSE+
The Positive Input to the Differential Current Comparator. The ITH pin voltage and
controlled offset between the SENSE− and SENSE+ pins, in conjunction with the current
sense resistor (RSENSE), set the current trip threshold.
23
SENSE-
The Negative Input to the Differential Current Comparator. The SENSE− pin supplies
current to the current comparator when SENSE– is greater than INTVCC. When the
SENSE– is 3.2V or greater, the pin supplies the majority of the sleep mode quiescent
current instead of VIN, further reducing the input-referred quiescent current.
24, 25
GND
Ground. Connect this pin to the PCB GND.
26
DRVSET
INTVCC Regulation Program Pin. DRVSET sets the regulation point for the INTVCC LDO
linear regulators. Connect DRVSET to GND to set INTVCC to 5V. Connect DRVSET to
INTVCC to set INTVCC to 5.5V. Program voltages between 4V and 5.5V by placing a
resistor (50kΩ to 110kΩ) between DRVSET and GND. The resistor and an internal 20µA
source current create a voltage used by the INTVCC LDO regulator to set the regulation
point.
27
DRVUV
DRVCC UVLO and EXTVCC Switchover Program Pin. DRVUV determines the INTVCC UVLO
and EXTVCC switchover rising and falling thresholds, as listed in Table 1 (Electrical
Characteristics table).
28
RUN
Run Control Input for the Controller. Forcing RUN below 1.08V disables controller
switching. Forcing RUN below 0.7V shuts down the ADPL74101, reducing quiescent
current to approximately 1µA. Tie the RUN pin to VIN for always-on operation.
29
GND (EPAD)
Ground (Exposed Pad). The exposed pad must be soldered to PCB GND for rated
electrical and thermal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com