Electronic Components Datasheet Search
  English  ▼

X  

ADPL74101 Datasheet(PDF) 14 Page - Analog Devices

Part # ADPL74101
Description  100V Synchronous Step-Down Controller with Internal Bootstrap Switch
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL74101 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADPL74101 Datasheet HTML 10Page - Analog Devices ADPL74101 Datasheet HTML 11Page - Analog Devices ADPL74101 Datasheet HTML 12Page - Analog Devices ADPL74101 Datasheet HTML 13Page - Analog Devices ADPL74101 Datasheet HTML 14Page - Analog Devices ADPL74101 Datasheet HTML 15Page - Analog Devices ADPL74101 Datasheet HTML 16Page - Analog Devices ADPL74101 Datasheet HTML 17Page - Analog Devices ADPL74101 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 49 page
background image
Data Sheet
ADPL74101
analog.com
Rev. 0
14 of 49
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, unless otherwise noted.
Figure 4. Efficiency and Power Loss vs. Load Current,
See Figure 46 (Typical Applications) for more details
Figure 5. Efficiency vs. Load Current,
See Figure 46 (Typical Applications) for more details
Figure 6. Efficiency vs. Input Voltage,
See Figure 46 (Typical Applications) for more details
Figure 7. Load Step Burst Mode Operation,
See Figure 46 (Typical Applications) for more details
Figure 8. Load Step Pulse-Skipping Mode,
See Figure 46 (Typical Applications) for more details
Figure 9.Load Step Forced Continuous Mode,
See Figure 46 (Typical Applications) for more details
BURST EFFICIENCY
BURST POWER LOSS
FCM EFFICIENCY
FCM POWER LOSS
PS POWER LOSS
VIN = 48V
VOUT = 12V
PS EFFICIENCY
LOAD CURRENT (A)
0.001
0.01
0.1
1
10 20
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
10
100
BURST MODE
VOUT = 12V
VIN = 24V
VIN = 36V
VIN = 48V
VIN = 72V
LOAD CURRENT (A)
0.001
0.01
0.1
1
10 20
70
75
80
85
90
95
100
ILOAD = 15A
VOUT = 12V
INPUT VOLTAGE (V)
16
24
32
40
48
56
64
72
90
92
94
96
98
100
100µs/DIV
VOUT
AC-COUPLED
500mV/DIV
INDUCTOR
CURRENT
10A/DIV
LOAD
CURRENT
10A/DIV
100µs/DIV
VOUT
AC-COUPLED
500mV/DIV
INDUCTOR
CURRENT
10A/DIV
LOAD
CURRENT
10A/DIV
100µs/DIV
VOUT
AC-COUPLED
500mV/DIV
INDUCTOR
CURRENT
10A/DIV
LOAD
CURRENT
10A/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com