Electronic Components Datasheet Search
  English  ▼

X  

ADPL74101 Datasheet(PDF) 31 Page - Analog Devices

Part # ADPL74101
Description  100V Synchronous Step-Down Controller with Internal Bootstrap Switch
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL74101 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADPL74101 Datasheet HTML 27Page - Analog Devices ADPL74101 Datasheet HTML 28Page - Analog Devices ADPL74101 Datasheet HTML 29Page - Analog Devices ADPL74101 Datasheet HTML 30Page - Analog Devices ADPL74101 Datasheet HTML 31Page - Analog Devices ADPL74101 Datasheet HTML 32Page - Analog Devices ADPL74101 Datasheet HTML 33Page - Analog Devices ADPL74101 Datasheet HTML 34Page - Analog Devices ADPL74101 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 49 page
background image
Data Sheet
ADPL74101
analog.com
Rev. 0
31 of 49
Setting the Output Voltage
The ADPL74101 output voltages are set by an external feedback resistor divider carefully placed across the output,
as shown in Figure 34 and Figure 35. The regulated output voltage is determined by Equation 16, as follows:
VOUT = 0.8V(1 +
RB
RA
)
(16)
Place the RA and RB resistors close to the VFB pin to minimize PCB trace length and noise on the sensitive VFB node.
Take care to route the VFB trace away from noise sources, such as the inductor or the SW trace. To improve frequency
response, a feedforward capacitor (CFF) can be used.
The ADPL74101 can be programmed to a fixed 12V or 5V output via the VPRG pin. Figure 35 shows how the VFB pin is
used to sense the output voltage in fixed output mode. Tying VPRG to INTVCC or GND programs, VOUT to 12V or 5V,
respectively. Floating VPRG sets VOUT to an adjustable output mode using external resistors.
Figure 34. Setting Adjustable Output Voltage
Figure 35. Setting Fixed 12V or 5V Output Voltage
RUN Pin and Undervoltage Lockout
The ADPL74101 is enabled using the RUN pin. The RUN pin has a rising threshold of 1.2V with 100mV of hysteresis.
Pulling the RUN pin below 1.08V shuts down the main control loop and resets the soft-start. Pulling the RUN pin
below 0.7V disables the controller and most internal circuits, including the INTVCC LDO regulators. In this state, the
ADPL74101 draws only ≈1μA of quiescent current.
The RUN pin is high impedance; it must be externally pulled up or pulled down, and is driven directly by logic. The
RUN pin can tolerate up to 100V (the absolute maximum). Therefore, the pin can be conveniently tied to VIN in always-
on applications where the controller is enabled continuously and never shuts down. Do not float the RUN pin.
The RUN pin can also be configured as a precise UVLO on the input supply with a resistor divider from VIN to GND, as
shown in Figure 36.
Figure 36. Using the Run Pin as UVLO
ADPL74101
VFB
RB
CFF
RA
VOUT
ADPL74101
VFB
INTVCC/GND
VPRG
COUT
VOUT
12V/5V
ADPL74101
RUN
R1
R2
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com