Electronic Components Datasheet Search
  English  ▼

X  

ADPL74101 Datasheet(PDF) 16 Page - Analog Devices

Part # ADPL74101
Description  100V Synchronous Step-Down Controller with Internal Bootstrap Switch
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL74101 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADPL74101 Datasheet HTML 12Page - Analog Devices ADPL74101 Datasheet HTML 13Page - Analog Devices ADPL74101 Datasheet HTML 14Page - Analog Devices ADPL74101 Datasheet HTML 15Page - Analog Devices ADPL74101 Datasheet HTML 16Page - Analog Devices ADPL74101 Datasheet HTML 17Page - Analog Devices ADPL74101 Datasheet HTML 18Page - Analog Devices ADPL74101 Datasheet HTML 19Page - Analog Devices ADPL74101 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 49 page
background image
Data Sheet
ADPL74101
analog.com
Rev. 0
16 of 49
Figure 16. Shutdown Current vs. Input Voltage
Figure 17. Shutdown Current vs. Temperature
Figure 18. Quiescent Current vs. Temperature
Figure 19. Oscillator Frequency vs. Temperature
Figure 20. TRACK/SS Pull-Up Current vs. Temperature
Figure 21. RUN Pin Threshold vs. Temperature
3.5
3.0
2.5
2.0
1.5
1.0
0.5
4.0
5.0
4.5
0
30
50
70
90
100
10
20
0
40
60
80
INPUT VOLTAGE (V)
3
2
1
4
5
0
TEMPERATURE (°C)
35
65
95
125
155
–25
5
–55
30
20
10
40
50
25
15
5
35
45
0
TEMPERATURE (°C)
35
65
95
125
155
–25
5
–55
VIN = 12V, DRVSET = 0V
BURST MODE OPERATION
FREQ = GND (375kHz)
FREQ = 75kΩ (500kHz)
FREQ = 374kΩ (100kHz)
TEMPERATURE (°C)
–55
–25
5
35
65
95
125
155
–6
–5
–4
–3
–2
–1
0
1
2
3
4
5
6
12.0
11.0
13.0
14.0
11.5
10.5
12.5
13.5
10.0
TEMPERATURE (°C)
35
65
95
125
155
–25
5
–55
1.10
1.20
1.50
1.05
1.15
1.25
1.00
TEMPERATURE (°C)
35
5
65
95
125
155
–25
–55
RISING
FALLING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com