Electronic Components Datasheet Search
  English  ▼

X  

ADPL74101 Datasheet(PDF) 9 Page - Analog Devices

Part # ADPL74101
Description  100V Synchronous Step-Down Controller with Internal Bootstrap Switch
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL74101 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADPL74101 Datasheet HTML 5Page - Analog Devices ADPL74101 Datasheet HTML 6Page - Analog Devices ADPL74101 Datasheet HTML 7Page - Analog Devices ADPL74101 Datasheet HTML 8Page - Analog Devices ADPL74101 Datasheet HTML 9Page - Analog Devices ADPL74101 Datasheet HTML 10Page - Analog Devices ADPL74101 Datasheet HTML 11Page - Analog Devices ADPL74101 Datasheet HTML 12Page - Analog Devices ADPL74101 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
Data Sheet
ADPL74101
analog.com
Rev. 0
9 of 49
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise specified.
Table 2. Absolute Maximum Ratings
PARAMETER
RATING
Input Supply (VIN)
-0.3V to 100V
RUN
-0.3V to 100V
BOOST
-0.3V to 106V
SW
-5V to 100V
BOOST to SW
-0.3V to 6V
TG1
Not applicable
BG1
Not applicable
EXTVCC
-0.3V to 30V
DRVCC, INTVCC, BSTVCC
-0.3V to 6V
VFB
-0.3V to 15V
PLLIN/SPREAD, FREQ
-0.3V to 6V
TRACK/SS
-0.3V to 6V
ITH
-0.3V to 6V
DRVSET, DRVUV
-0.3V to 6V
MODE, ILIM, VPRG
-0.3V to 6V
PGOOD
-0.3V to 6V
SENSE+, SENSE–
-0.3V to 65V
SENSE+ to SENSE– Continuous
-0.3V to +0.3V
SENSE+ to SENSE– <1ms
-100mA to 100mA
Operating Junction Temperature Range2
-40°C to 125°C
Storage Temperature Range
-65°C to 150°C
.
1
Do not apply a voltage or current source to these pins. They must be connected only to capacitive loads.
Otherwise, permanent damage may occur.
2
The ADPL74101 is specified over the –40°C to 125°C operating junction temperature range. High junction
temperatures degrade operating lifetimes. Note that the maximum ambient temperature consistent with these
specifications is determined by specific operating conditions in conjunction with the board layout, rated
package thermal impedance, and other environmental factors. The junction temperature (TJ, in °C) is calculated
from the ambient temperature (TA, in °C) and power dissipation (PD, in Watts) according to the following
formula: TJ = TA + (PD × θJA), where θJA (in °C/W) is the package thermal impedance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com