Electronic Components Datasheet Search
  English  ▼

X  

ADPL74101 Datasheet(PDF) 37 Page - Analog Devices

Part # ADPL74101
Description  100V Synchronous Step-Down Controller with Internal Bootstrap Switch
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL74101 Datasheet(HTML) 37 Page - Analog Devices

Back Button ADPL74101 Datasheet HTML 33Page - Analog Devices ADPL74101 Datasheet HTML 34Page - Analog Devices ADPL74101 Datasheet HTML 35Page - Analog Devices ADPL74101 Datasheet HTML 36Page - Analog Devices ADPL74101 Datasheet HTML 37Page - Analog Devices ADPL74101 Datasheet HTML 38Page - Analog Devices ADPL74101 Datasheet HTML 39Page - Analog Devices ADPL74101 Datasheet HTML 40Page - Analog Devices ADPL74101 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 49 page
background image
Data Sheet
ADPL74101
analog.com
Rev. 0
37 of 49
Efficiency Considerations
The percent efficiency of a switching regulator is equal to the output power divided by the input power times 100%.
Analyzing individual losses is useful for determining what is limiting the efficiency and which change produces the
most improvement. The percent efficiency can be expressed by Equation 25, as follows:
%Efficiency = 100% – (L1 + L2 + L3 + ...)
(25)
where L1, L2, L3, and so on, are the individual losses as a percentage of input power.
Although all dissipative elements in the circuit produce losses, four main sources usually account for most of the
losses in ADPL74101 circuits: IC VIN current, INTVCC regulator current, I2R losses, and topside FET transition losses.
The VIN current is the DC supply current given in Table 1 (Electrical Characteristics table), excluding the FET driver and
control currents. Other than at light loads in Burst Mode operation, VIN current typically results in a small (<0.1%)
loss.
The INTVCC current is the sum of the FET driver and control currents. The FET driver current results from switching
the gate capacitance of the power FETs. Each time a FET gate switches from low to high and back to low again, a
packet of charge (dQ) moves from INTVCC to GND. The resulting dQ/time duration (dt) is a current out of INTVCC that
is typically much larger than the control circuit current. In continuous mode, gate charge current (IGATECHG) = SW
frequency (fSW)(QT + QB), where QT and QB are the gate charges of the top and bottom FETs.
Supplying INTVCC from an output-derived source through EXTVCC scales the VIN current required for the driver and
control circuits by a factor of VOUT/(VIN × efficiency). For example, in a 20V to 5V application, 10 mA of INTVCC current
results in approximately 2.5mA of VIN current. This result reduces the mid-current loss from 10% or more (if the driver
was powered directly from VIN) to only a few percent.
I2R losses are predicted from the DC resistances of the input fuse (if used), FET, inductor, current sense resistor, and
input and output capacitor ESR. In continuous mode, the average output current flows through L and RSENSE, but is
chopped between the top and bottom FETs. If the two FETs have approximately the same RDS(ON), the resistance of
one FET can be summed with the resistances of L, RSENSE, and ESR to obtain the I2R losses.
For example, if each RDS(ON) = 30mΩ, RL = 50mΩ, RSENSE = 10mΩ, and ESR = 40mΩ (the sum of both input and output
capacitance losses), the total resistance is 130mΩ. The resulting losses range from 3% to 13% as the output current
increases from 1A to 5A for a 5V output, or a 4% to 20% loss for a 3.3V output. Efficiency varies as the inverse square
of VOUT for the same external components and output power level. The combined effects of increasingly lower output
voltages and higher currents required by high-performance digital systems are not doubling, but quadrupling the
importance of loss terms in the switching regulator system.
Transition losses apply only to the top FETs and become significant only when operating at higher input voltages
(typically 15V or greater). Transition losses can be estimated using Equation 26, as follows:
TRANSITION LOSS = (1.7)(VIN)
2 × I
L(MAX)
× CRSS × fSW
(26)
where CRSS is the reverse transfer capacitance.
Other hidden losses, such as copper trace and internal battery resistances, can account for an additional 5% to 10%
efficiency degradation in portable systems. It is important to include these system-level losses during the design
phase. The internal battery and fuse resistance losses can be minimized by ensuring that CIN has adequate charge
storage and a low ESR at the switching frequency. A 25W supply typically requires a minimum of 20μF to 40μF of
capacitance with a maximum ESR of 20mΩ to 50mΩ. Other losses, including inductor core losses, generally account
for less than 2% total additional loss.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com