Electronic Components Datasheet Search
  English  ▼

X  

ADPL74101 Datasheet(PDF) 1 Page - Analog Devices

Part # ADPL74101
Description  100V Synchronous Step-Down Controller with Internal Bootstrap Switch
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL74101 Datasheet(HTML) 1 Page - Analog Devices

  ADPL74101 Datasheet HTML 1Page - Analog Devices ADPL74101 Datasheet HTML 2Page - Analog Devices ADPL74101 Datasheet HTML 3Page - Analog Devices ADPL74101 Datasheet HTML 4Page - Analog Devices ADPL74101 Datasheet HTML 5Page - Analog Devices ADPL74101 Datasheet HTML 6Page - Analog Devices ADPL74101 Datasheet HTML 7Page - Analog Devices ADPL74101 Datasheet HTML 8Page - Analog Devices ADPL74101 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
Data Sheet
ADPL74101
100V Synchronous Step-Down Controller with Internal Bootstrap Switch
Rev. 0
DOCUMENT FEEDBACK
One Analog Wa y, Wilmington, MA 01887 - 2356, U.S.A.
T el: 781.329.4700
TECHNICAL SUPPORT
© 202
5 Analog Devices, Inc. All rights reserved.
FEATURES
Wide VIN Range: 4V to 100V
Wide output voltage range: 0.8V ≤ VOUT ≤ 60V
Internal Bootstrap Switch for the High-Side Gate
Driver Stage
Accurate Adjustable Driver Voltage with UVLO
Protection
Selectable Continuous, Pulse-Skipping, or Burst
Mode Operation at Light Loads
Programmable Output Voltage with VPRG Pin
(5V or 12V)
Current Limit Foldback during Short Fault
Low Operating IQ: 5μA (48VIN to 5VOUT)
Programmable Frequency (100kHz to 1MHz)
Synchronizable Frequency (100kHz to 1MHz)
Spread Spectrum Frequency Modulation
28-Lead (4mm × 5mm), QFN Package
APPLICATIONS
Industrial Power Systems
Military Avionics and Medical Systems
Telecommunications Power Systems
GENERAL DESCRIPTION
The ADPL®74101 is a high-performance step-down
DC-to-DC controller that drives all N-channel
synchronous metal-oxide-semiconductor field-effect
transistor (MOSFET) power stages from input voltages
up to 100V.
The ADPL74101 features an adjustable gate-drive
voltage from 4V to 5.5V, ideal for driving logic-level
MOSFETs.
The internal smart bootstrap switch avoids the need for
an external diode. The very low no-load quiescent
current extends operating runtime in battery-powered
systems. The MODE pin selects among Burst Mode
operation, pulse-skipping mode, or continuous
inductor current mode at light loads.
The ADPL74101 additionally features spread spectrum
operation, which significantly reduces the peak
radiated and conducted noise on both the input and
output supplies, making it easier to comply with
electromagnetic interference (EMI) standards.
TYPICAL APPLICATION
Figure 1. High Efficiency, 12V Output Buck Regulator
Figure 2. Efficiency for Figure 1
MTOP
MBOT
5.5µH
10µF
×2
47µF
×2
150µF
×1
4.7nF
100pF
4.7µF
0.1µF
22µF
×2
1nF
0.1µF
7.68kΩ
3mΩ
20Ω
124kΩ
0.1µF
100Ω
2Ω
RUN
VIN
ADPL74101
TG
BOOST
SW
BG
SENSE+
SENSE–
EXTVCC
VFB
GND
DRVCC
INTVCC
DRVSET
VPRG
MODE
DRVUV
FREQ
TRACK/SS
ITH
ILIM
PGOOD
PLLIN/SPREAD
VIN
16V TO 72V
VOUT
12V
15A
BURST MODE
VIN = 48V
VOUT = 12V
LOAD CURRENT (mA)
0.01
0.1
1
10
20
80
85
90
95
100


Similar Part No. - ADPL74101

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADPL76030 AD-ADPL76030 Datasheet
1Mb / 40P
55 V, 1.4 MHz Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
Rev.0
ADPL76030AUFDPBF AD-ADPL76030AUFDPBF Datasheet
1Mb / 40P
55 V, 1.4 MHz Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
Rev.0
ADPL76030AUFDTRPBF AD-ADPL76030AUFDTRPBF Datasheet
1Mb / 40P
55 V, 1.4 MHz Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
Rev.0
ADPL76030EUFD#PBF AD-ADPL76030EUFD#PBF Datasheet
1Mb / 42P
55 V, 1.4 MHz Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
Rev. A
ADPL76030 AD-ADPL76030_V01 Datasheet
1Mb / 42P
55 V, 1.4 MHz Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
Rev. A
More results

Similar Description - ADPL74101

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6910 STMICROELECTRONICS-L6910 Datasheet
453Kb / 21P
ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
Jul-2003
logo
Vishay Siliconix
SIP12201 VISHAY-SIP12201 Datasheet
865Kb / 11P
Synchronous Step Down Controller
10-Oct-05
SIP12202 VISHAY-SIP12202 Datasheet
768Kb / 10P
Synchronous Step Down Controller
10-Oct-05
logo
STMicroelectronics
L6730C STMICROELECTRONICS-L6730C Datasheet
1Mb / 50P
Adjustable step-down controller with synchronous rectification
07-Jun-2006
L6730 STMICROELECTRONICS-L6730 Datasheet
1Mb / 52P
Adjustable step-down controller with synchronous rectification
29-May-2006
L6732_0906 STMICROELECTRONICS-L6732_0906 Datasheet
823Kb / 36P
Adjustable step-down controller with synchronous rectification
25-Sep-2006
L6910G STMICROELECTRONICS-L6910G Datasheet
1Mb / 26P
ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
May-2005
L6732 STMICROELECTRONICS-L6732_08 Datasheet
900Kb / 37P
Adjustable step-down controller with synchronous rectification
04-Jun-2008
L6910 STMICROELECTRONICS-L6910_05 Datasheet
682Kb / 29P
ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
May-2005
logo
Exar Corporation
XRP6142 EXAR-XRP6142 Datasheet
732Kb / 17P
Synchronous Step-Down Controller with DDR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com